công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMX2485SQX bảng dữ liệu(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LMX2485SQX
Giải thích chi tiết về linh kiện  50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2485SQX bảng dữ liệu(HTML) 3 Page - National Semiconductor (TI)

  LMX2485SQX Datasheet HTML 1Page - National Semiconductor (TI) LMX2485SQX Datasheet HTML 2Page - National Semiconductor (TI) LMX2485SQX Datasheet HTML 3Page - National Semiconductor (TI) LMX2485SQX Datasheet HTML 4Page - National Semiconductor (TI) LMX2485SQX Datasheet HTML 5Page - National Semiconductor (TI) LMX2485SQX Datasheet HTML 6Page - National Semiconductor (TI) LMX2485SQX Datasheet HTML 7Page - National Semiconductor (TI) LMX2485SQX Datasheet HTML 8Page - National Semiconductor (TI) LMX2485SQX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Absolute Maximum Ratings (Notes 1, 2)
Parameter
Symbol
Value
Units
Min
Typ
Max
Power Supply Voltage
V
CC
-0.3
4.25
V
Voltage on any pin with GND = 0V
V
i
-0.3
V
CC+0.3
V
Storage Temperature Range
T
s
-65
+150
˚C
Lead Temperature (Solder 4 sec.)
T
L
+260
˚C
Recommended Operating Conditions
Parameter
Symbol
Value
Units
Min
Typ
Max
Power Supply Voltage (Note 1)
V
CC
2.5
3.0
3.6
V
Operating Temperature
T
A
-40
25
+85
˚C
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. "Recommended Operating Conditions" indicate conditions for
which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical
Characteristics. The guaranteed specifications apply only for the test conditions listed. The voltage at all the power supply pins of VddRF1, VddRF2, VddRF3,
VddRF4, VddRF5, VddIF1 and VddIF2 must be the same. VCC will be used to refer to the voltage at these pins and ICC will be used to refer to the sum of all currents
through all these power pins.
Note 2: This Device is a high performance RF integrated circuit with an ESD rating < 2 kV and is ESD sensitive. Handling and assembly of this device should only
be done at ESD-free workstations.
Electrical Characteristics (V
CC = 3.0V; -40˚C
≤ T
A
≤ +85˚C unless otherwise specified)
Symbol
Parameter
Conditions
Value
Units
Min
Typ
Max
Icc PARAMETERS
I
CCRF
Power Supply Current,
RF Synthesizer
IF PLL OFF
RF PLL ON
Charge Pump TRI-STATE
3.3
mA
I
CCIF
Power Supply Current,
IF Synthesizer
IF PLL ON
RF PLL OFF
Charge Pump TRI-STATE
1.7
mA
I
CCTOTAL
Power Supply Current,
Entire Synthesizer
IF PLL ON
RF PLL ON
Charge Pump TRI-STATE
5.0
mA
I
CCPD
Power Down Current
CE = ENOSC = 0V
CLK, DATA, LE = 0V
110
µA
RF SYNTHESIZER PARAMETERS
f
FinRF
Operating
Frequency
(Note 3)
LMX2485
RF_P = 8
500
2000
MHz
RF_P = 16
500
3000
LMX2485E
RF_P = 8
50
2000
RF_P = 16
50
3000
p
FinRF
Input Sensitivity
500 - 3000 MHz
-15
0
dBm
50 - 500 MHz (LMX2485E only)
-5
f
COMP
Phase Detector
Frequency
(Note 4)
50
MHz
I
CPoutRFSRCE
RF Charge Pump
Source Current
(Note 5)
RF_CPG = 0
V
CPoutRF =VCC/2
95
µA
RF_CPG = 1
V
CPoutRF =VCC/2
190
µA
...
...
µA
RF_CPG = 15
V
CPoutRF =VCC/2
1520
µA
www.national.com
3


Số phần tương tự - LMX2485SQX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMX2485SQX NSC-LMX2485SQX Datasheet
880Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
LMX2485SQX NSC-LMX2485SQX Datasheet
744Kb / 40P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800MHz Integer PLL
logo
Texas Instruments
LMX2485SQX TI1-LMX2485SQX Datasheet
1Mb / 46P
[Old version datasheet]   3-GHz Delta-Sigma Low-Power Dual PLLatinum Frequency Synthesizer
LMX2485SQX/NOPB TI1-LMX2485SQX/NOPB Datasheet
1Mb / 46P
[Old version datasheet]   3-GHz Delta-Sigma Low-Power Dual PLLatinum Frequency Synthesizer
More results

Mô tả tương tự - LMX2485SQX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMX2485 TI1-LMX2485_14 Datasheet
1Mb / 43P
[Old version datasheet]   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
logo
National Semiconductor ...
LMX2485_0610 NSC-LMX2485_0610 Datasheet
880Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
LMX2485 NSC-LMX2485_08 Datasheet
744Kb / 40P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800MHz Integer PLL
LMX2487 NSC-LMX2487 Datasheet
862Kb / 37P
   3.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
Texas Instruments
LMX2486 TI1-LMX2486_14 Datasheet
1Mb / 41P
[Old version datasheet]   1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
National Semiconductor ...
LMX2487 NSC-LMX2487_08 Datasheet
729Kb / 40P
   1.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
Texas Instruments
LMX2485Q-Q1 TI-LMX2485Q-Q1_15 Datasheet
606Kb / 40P
[Old version datasheet]   LMX2485Q 500 MHz - 3.1 GHz High Performance Delta-Sigma Low Power DualPLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
logo
National Semiconductor ...
LMX2486 NSC-LMX2486 Datasheet
870Kb / 37P
   1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum TM Frequency Synthesizers with 3.0 GHz Integer PLL
LMX2470 NSC-LMX2470 Datasheet
453Kb / 36P
   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
logo
Texas Instruments
LMX2470 TI1-LMX2470_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com