công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMX2485ESQ bảng dữ liệu(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LMX2485ESQ
Giải thích chi tiết về linh kiện  50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2485ESQ bảng dữ liệu(HTML) 10 Page - National Semiconductor (TI)

Back Button LMX2485ESQ Datasheet HTML 6Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 7Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 8Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 9Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 10Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 11Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 12Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 13Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Typical Performance Characteristic : FinRF Input Impedance (Note 8)
20087768
FinRF Input Impedance
Frequency (MHz)
Real (Ohms)
Imaginary (Ohms)
50
670
-276
100
531
-247
200
452
-209
300
408
-212
400
373
-222
500
337
-231
600
302
-237
700
270
-239
800
241
-236
900
215
-231
1000
192
-221
1100
172
-218
1200
154
-209
1300
139
-200
1400
127
-192
1500
114
-184
1600
104
-175
1700
96
-168
1800
88
-160
1900
80
-153
2000
74
-147
2200
64
-134
2400
56
-123
2600
50
-113
2800
45
-103
3000
39
-94
3200
37
-86
3400
33
-78
3600
30
-72
3800
28
-69
4000
26
-66
www.national.com
10


Số phần tương tự - LMX2485ESQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMX2485ESQ NSC-LMX2485ESQ Datasheet
880Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
LMX2485ESQ NSC-LMX2485ESQ Datasheet
744Kb / 40P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800MHz Integer PLL
logo
Texas Instruments
LMX2485ESQ TI1-LMX2485ESQ Datasheet
1Mb / 46P
[Old version datasheet]   3-GHz Delta-Sigma Low-Power Dual PLLatinum Frequency Synthesizer
LMX2485ESQ/NOPB TI1-LMX2485ESQ/NOPB Datasheet
1Mb / 46P
[Old version datasheet]   3-GHz Delta-Sigma Low-Power Dual PLLatinum Frequency Synthesizer
logo
National Semiconductor ...
LMX2485ESQX NSC-LMX2485ESQX Datasheet
880Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
More results

Mô tả tương tự - LMX2485ESQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMX2485 TI1-LMX2485_14 Datasheet
1Mb / 43P
[Old version datasheet]   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
logo
National Semiconductor ...
LMX2485_0610 NSC-LMX2485_0610 Datasheet
880Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
LMX2485 NSC-LMX2485_08 Datasheet
744Kb / 40P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800MHz Integer PLL
LMX2487 NSC-LMX2487 Datasheet
862Kb / 37P
   3.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
Texas Instruments
LMX2486 TI1-LMX2486_14 Datasheet
1Mb / 41P
[Old version datasheet]   1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
National Semiconductor ...
LMX2487 NSC-LMX2487_08 Datasheet
729Kb / 40P
   1.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
Texas Instruments
LMX2485Q-Q1 TI-LMX2485Q-Q1_15 Datasheet
606Kb / 40P
[Old version datasheet]   LMX2485Q 500 MHz - 3.1 GHz High Performance Delta-Sigma Low Power DualPLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
logo
National Semiconductor ...
LMX2486 NSC-LMX2486 Datasheet
870Kb / 37P
   1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum TM Frequency Synthesizers with 3.0 GHz Integer PLL
LMX2470 NSC-LMX2470 Datasheet
453Kb / 36P
   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
logo
Texas Instruments
LMX2470 TI1-LMX2470_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com