công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WF5025 bảng dữ liệu(PDF) 4 Page - Nippon Precision Circuits Inc |
|
WF5025 bảng dữ liệu(HTML) 4 Page - Nippon Precision Circuits Inc |
4 / 16 page WF5025 series NIPPON PRECISION CIRCUITS INC.—4 SPECIFICATIONS Absolute Maximum Ratings VSS = 0V Recommended Operating Conditions VSS = 0V Parameter Symbol Condition Rating Unit Supply voltage range VDD −0.5 to +7.0 V Input voltage range VIN −0.5 to VDD + 0.5 V Output voltage range VOUT −0.5 to VDD + 0.5 V Operating temperature range Topr −40 to +85 °C Storage temperature range TSTG −65 to +150 °C Output current IOUT 20 mA Parameter Symbol Condition Rating*1 *1. Values in parentheses ( ) are provisional only. Unit min typ max Operating supply voltage VDD WF5025AL × CL ≤ 30pF 2.25 – 3.6 V WF5025BL1 CL ≤ 30pF 2.25 – 3.6 V WF5025MLA f ≤ 80MHz, CL ≤ 30pF 2.25 – 3.6 V WF5025MLB f ≤ 100MHz, CL ≤ 30pF (2.25) – (3.6) V WF5025MLC f ≤ 100MHz, CL ≤ 30pF 2.25 – 3.6 V f ≤ 133MHz, CL ≤ 15pF 2.25 – 3.6 V Input voltage VIN VSS –VDD V Operating temperature TOPR −40 – +85 °C Operating frequency*2 *2. The operating frequency is a yardstick value derived from the crystal used for NPC characteristics authentication. However, the oscillator frequency band is not guaranteed. Specifically, the characteristics can vary greatly due to crystal characteristics and mounting conditions, so the oscillation char- acteristics of components must be carefully evaluated. fO WF5025AL × 20–50 MHz WF5025BL1*3 *3. When 2.5V operation, the ratings of switching characteristics are difference by the frequency or output load. Refer to “Switching Characteristics”. 20 – 100 MHz WF5025MLA 70 – 80 MHz WF5025MLB*3 (80) – (100) MHz WF5025MLC*3 90 – 133 MHz |
Số phần tương tự - WF5025 |
|
Mô tả tương tự - WF5025 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |