công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM6778 bảng dữ liệu(PDF) 8 Page - STMicroelectronics |
|
STM6778 bảng dữ liệu(HTML) 8 Page - STMicroelectronics |
8 / 25 page STM6717/6718/6719/6720/6777/6778/6779*/6780* 8/25 OPERATION Applications Information 1. Interfacing to Processors with Bi-directional Reset Pins Most processors with bi-directional reset pins can interface directly to the open drain RST outputs (STM6717/19/77/79). Systems simultaneously requiring a push-pull RST output and a bi-directional reset interface can be in logic contention. To prevent this contention, connect a 4.7k Ω resistor between RST and the processor’s Reset I/O as shown in Figure 12. 2. Ensuring a Valid RST Output Down to VCC =0V The STM67xx Supervisors are guaranteed to be in the correct RST output logic state when VCC1 and/or VCC2 is greater than 0.8V. In applications which require valid reset levels down to VCC = 0, a pull-down resistor to active-low outputs (push-pull only, see Figure 13.) will ensure that the reset line is valid while the reset output can no longer sink or source current. This scheme does NOT work with the open drain outputs of the STM6717/19/77/79. The resistor value used is not critical, but it must be large enough not to load the reset output when VCC is above the reset threshold. For most applications, 100k Ω is adequate. Figure 12. STM67xx Interface to Processor with Bi-directional Reset Pins Figure 13. Ensuring RST Valid to VCC = 0 (Active-Low, Push-Pull Outputs) AI10425 VCC1 VCC2 VSS VCC1 STM67xx RST To other system components 4.7k Ω VCC2 VSS Processor RESET AI10426 VCC1 VCC1 VSS STM67xx RST R1 |
Số phần tương tự - STM6778 |
|
Mô tả tương tự - STM6778 |