công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC141556P bảng dữ liệu(PDF) 8 Page - Freescale Semiconductor, Inc

tên linh kiện MC141556P
Giải thích chi tiết về linh kiện  USB Hub Controller CMOS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC141556P bảng dữ liệu(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC141556P Datasheet HTML 4Page - Freescale Semiconductor, Inc MC141556P Datasheet HTML 5Page - Freescale Semiconductor, Inc MC141556P Datasheet HTML 6Page - Freescale Semiconductor, Inc MC141556P Datasheet HTML 7Page - Freescale Semiconductor, Inc MC141556P Datasheet HTML 8Page - Freescale Semiconductor, Inc MC141556P Datasheet HTML 9Page - Freescale Semiconductor, Inc MC141556P Datasheet HTML 10Page - Freescale Semiconductor, Inc MC141556P Datasheet HTML 11Page - Freescale Semiconductor, Inc MC141556P Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MC141556
8
MOTOROLA
COMMUNICATION PROTOCOL
IIC Communication Protocol
This is a two-wire serial communication link that is fully com-
patible with the IIC bus system. It consists of SDA bidirectional
data line and SCL clock input line. Data is sent from a transmitter
(master), to a receiver (slave) via the SDA line, and is synchro-
nized with a transmitter clock on the SCL line at the receiving
end. The maximum data rate is limited to 400kbps. The default
chip address is $70. Please refer to the IIC-Bus specification for
the detail timing requirement.
Operating Procedure
FIGURE 7. shows the IIC transmission format. The master ini-
tiates a transmission routine by generating a START condition,
followed by a slave address byte. Once the address is properly
identified, the slave will respond with an ACKNOWLEDGE signal
by pulling the SDA line LOW during the ninth SCL clock. Each
data byte which then follows must be eight bits long, plus the
ACKNOWLEDGE bit, to make up nine bits together. Appropriate
hub setting information can be downloaded sequentially. See
Data Transmission Format for details. In the cases of no AC-
KNOWLEDGE or completion of data transfer, the master will
generate a STOP condition to terminate the transmission rou-
tine.
Figure 7. IIC FORMAT
DATA TRANSMISSION FORMAT
After the proper identification by the receiving device, Mas-
ter is now ready to program MC141556 by transmitting the
configuration data. The configuration data is shown in Table2
Programmable Configuration Data. To complete the program-
ming sequence, all six bytes of data are needed to be trans-
mitted. The transmission sequence is defined in Table2 . An
ACKNOWLEDGE bit must be inserted between each byte of
data as shown in FIGURE 8.
DATA BYTES
ACK
STOP CONDITION
ACK
CHIP ADDRESS
SDA
SCL
START CONDITION
1
9
8
2–7
Table 2. Programmable Configuration Data
Figure 8. MC141556 Configuration Programming
Data
Transmission
Sequence
Bit
Description
Default Chip Address
1st Byte
ADDR6 ~ ADDR0
Default Chip Address BIT6 ~ BIT0
WRITE
0 = WRITE ENABLE
VendorID (Upper Byte)
2nd Byte
VID15 ~ VID8
VendorID BIT15 ~ BIT8
VendorID (Lower Byte)
3rd Byte
VID7 ~ VID0
VendorID BIT7 ~ BIT0
ProductID (Upper Byte)
4th Byte
PID15 ~ PID8
ProductID BIT15 ~ BIT8
ProductID (Lower Byte)
5th Byte
PID7 ~ PID0
ProductID BIT7 ~ BIT0
Configuration
6th Byte
X
BIT7: Don’t Care
X
BIT6: Don’t Care
SPWR
BIT5: 1 = Self-powered Mode
BIT5 : 0 = Bus-powered Mode
NumPORT
BIT4 :1 = 5 Downstream Ports
BIT4 : 0 = 4 Downstream Ports
GANG
BIT3 :1 = Ganged control
BIT3 : 0 = Individual control
DEB2 ~ DEB0
Debounce Select BIT2 ~ BIT0
These three bits are used to adjust the time interval
to confirm the over-current condition : (time base is
1ms)
000 = 0ms, 001 = 1ms, 010 = 2ms, 011 =3ms,
100 = 4ms, 101 = 5ms, 110 = 6ms, 111 = 7ms;
Default setting is 3ms (011)
ADDR6 ~
ADDR0
WRITE
ACK
VID15 ~
VID8
ACK
VID7 ~
VID0
ACK
PID15 ~
PID8
ACK
PID7 ~
PID0
ACK X X
SPW
R
Num-
PORT
GANG
DEB2 ~
DEB0
ACK
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC141556P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC141555 MOTOROLA-MC141555 Datasheet
280Kb / 16P
   USB Hub Controller CMOS
MC141555P1 MOTOROLA-MC141555P1 Datasheet
280Kb / 16P
   USB Hub Controller CMOS
More results

Mô tả tương tự - MC141556P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC141555 MOTOROLA-MC141555 Datasheet
280Kb / 16P
   USB Hub Controller CMOS
logo
Winbond
W81181D WINBOND-W81181D Datasheet
211Kb / 18P
   USB HUB CONTROLLER
logo
ATMEL Corporation
AT43301 ATMEL-AT43301 Datasheet
16Kb / 2P
   USB HUB CONTROLLER
logo
List of Unclassifed Man...
AU9254A21 ETC-AU9254A21 Datasheet
202Kb / 32P
   USB Hub Controller
AU9254 ETC2-AU9254_05 Datasheet
481Kb / 23P
   USB Hub Controller
logo
ELAN Microelectronics C...
EM77F900 EMC-EM77F900 Datasheet
1Mb / 136P
   USB HUBBB Controller
logo
VIA Labs, Inc
VL812 VIALABS-VL812 Datasheet
1Mb / 18P
   USB 3.0 Hub Controller
logo
NEC
UPD720113 NEC-UPD720113 Datasheet
362Kb / 32P
   USB 2.0 HUB CONTROLLER
logo
List of Unclassifed Man...
AU9462 ETC-AU9462 Datasheet
150Kb / 31P
   USB Keyboard Hub Controller
AU9462 ETC1-AU9462_06 Datasheet
607Kb / 23P
   USB Keyboard Hub Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com