công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC141556 bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc

tên linh kiện MC141556
Giải thích chi tiết về linh kiện  USB Hub Controller CMOS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC141556 bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC141556 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MC141556
10
MOTOROLA
Table 5. Interface Descriptor
Table 6. Endpoint Descriptor
Table 7. Hub Descriptor
Offset
Field
Size
Value
Description
0
bLength
1
09h
No. of bytes in this descriptor = 9
1
bDescriptorType
1
04h
Interface descriptor type
2
bInterfaceNumber
1
00h
No. of Interface = 0
3
bAlternateSetting
1
00h
Alternate setting value for the interface identified in the prior field
= 0
4
bNumEndpoints
1
01h
No. of endpoints used by this interface = 1
5
bInterfaceClass
1
09h
Class code = 09 (assigned by USB)
6
bInterfaceSubClass
1
00h
SubClass code = 01 (assigned by USB)
7
bInterfaceProtocol
1
00h
Protocol code = 00 (assigned by USB)
8
iInterface
1
00h
Index of string descriptor describing this interface = 0
Offset
Field
Size
Value
Description
0
bLength
1
07h
No. of bytes in this descriptor = 7
1
bDescriptorType
1
05h
Endpoint descriptor type
2
bEndpointAddress
1
81h
Endpoint No. = 1, IN endpoint
3
bmAttributes
1
03h
Endpoint attributes = b00000011, Transfer type = Interrupt
4
wMaxPacketSize
2
0001h
Max. packet size this endpoint is capable of sending = 1 byte
6
bInterval
1
FFh
Interval for polling endpoint for data transfer = 255 ms
Offset
Field
Size
Value
Description
0
bLength
1
09h
No. of bytes in this descriptor = 9
1
bDescriptorType
1
29h
Hub descriptor type
2
bNbrPorts
1
04h/05h
No. of downstream ports
3
wHubCharacteristics
2
0000h /
0004h/
0009h/
000Dh
Hub’s characteristics
Power Switching Mode:
BIT1..BIT0 = 00: Ganged Power Switching
BIT1..BIT0 = 01: Individual Port Power Switching
Compound Device:
BIT2=0: Not Compound Device
BIT2=1: Compound Device
Overcurrent Protection Mode:
BIT4..BIT3=00: Global Overcurrent Protection
BIT4..BIT3=01: Individual Port Overcurrent Protection
5
bPwrOn2PwrGood
1
32h
Time from the power on to power good = 100 ms
6
bHubContrCurrent
1
64h
Maximum current requirements of the Hub controller
electronics
64h: 100 mA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC141556

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC141555 MOTOROLA-MC141555 Datasheet
280Kb / 16P
   USB Hub Controller CMOS
MC141555P1 MOTOROLA-MC141555P1 Datasheet
280Kb / 16P
   USB Hub Controller CMOS
More results

Mô tả tương tự - MC141556

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC141555 MOTOROLA-MC141555 Datasheet
280Kb / 16P
   USB Hub Controller CMOS
logo
Winbond
W81181D WINBOND-W81181D Datasheet
211Kb / 18P
   USB HUB CONTROLLER
logo
ATMEL Corporation
AT43301 ATMEL-AT43301 Datasheet
16Kb / 2P
   USB HUB CONTROLLER
logo
List of Unclassifed Man...
AU9254A21 ETC-AU9254A21 Datasheet
202Kb / 32P
   USB Hub Controller
AU9254 ETC2-AU9254_05 Datasheet
481Kb / 23P
   USB Hub Controller
logo
ELAN Microelectronics C...
EM77F900 EMC-EM77F900 Datasheet
1Mb / 136P
   USB HUBBB Controller
logo
VIA Labs, Inc
VL812 VIALABS-VL812 Datasheet
1Mb / 18P
   USB 3.0 Hub Controller
logo
NEC
UPD720113 NEC-UPD720113 Datasheet
362Kb / 32P
   USB 2.0 HUB CONTROLLER
logo
List of Unclassifed Man...
AU9462 ETC-AU9462 Datasheet
150Kb / 31P
   USB Keyboard Hub Controller
AU9462 ETC1-AU9462_06 Datasheet
607Kb / 23P
   USB Keyboard Hub Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com