công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC141556 bảng dữ liệu(PDF) 5 Page - Freescale Semiconductor, Inc

tên linh kiện MC141556
Giải thích chi tiết về linh kiện  USB Hub Controller CMOS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC141556 bảng dữ liệu(HTML) 5 Page - Freescale Semiconductor, Inc

  MC141556 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MC141556
5
MOTOROLA
LOW SPEED OPERATING HUB ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
Min
Max
Unit
tLHDD
Hub Differential Data Delay
Figure 5, Figure 6
300
ns
tLDHJ1
tLDHJ2
tLDHJ2
tLDHJ2
Hub Differential Driver Jitter (including cable)
Downstream:
To Next Transition
For Paired Transitions
Upstream:
To Next Transition
For Paired Transitions
-45
-15
-45
-45
45
15
45
45
ns
ns
ns
ns
tSOP
Data Bit Width Distortion After SOP
-60
45
ns
tLHESK
Hub EOP Output Width Skew
-300
300
ns
FULL SPEED OPERATING HUB ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
Min
Max
Unit
tHDD1
tHDD2
Hub Differential Data Delay
(with cable)
(without cable)
Figure 5, Figure 6
70
40
ns
ns
tHDJ1
tHDJ2
Hub Differential Driver Jitter (including cable)
To Next Transition
For Paired Transitions
-3
-1
3
1
ns
ns
tSOP
Data Bit Width Distortion After SOP
-5
3
ns
tHESK
Hub EOP Output Width Skew
-15
15
ns
50% Point of
Initial Swing
Upstream
End of
Cable
Vss
Vss
Downstream
Port
Hub Delay
Downstream
tHDD1
Crossover
Point
Vss
Hub Delay
Downstream
tHDD1, tHDD2
Crossover
Point
Upstream
End of
Cable
Vss
Downstream
Port
Crossover
Point
Figure 5. Downstream Hub Delay
Figure 6. Upstream Hub Delay
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC141556

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC141555 MOTOROLA-MC141555 Datasheet
280Kb / 16P
   USB Hub Controller CMOS
MC141555P1 MOTOROLA-MC141555P1 Datasheet
280Kb / 16P
   USB Hub Controller CMOS
More results

Mô tả tương tự - MC141556

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC141555 MOTOROLA-MC141555 Datasheet
280Kb / 16P
   USB Hub Controller CMOS
logo
Winbond
W81181D WINBOND-W81181D Datasheet
211Kb / 18P
   USB HUB CONTROLLER
logo
ATMEL Corporation
AT43301 ATMEL-AT43301 Datasheet
16Kb / 2P
   USB HUB CONTROLLER
logo
List of Unclassifed Man...
AU9254A21 ETC-AU9254A21 Datasheet
202Kb / 32P
   USB Hub Controller
AU9254 ETC2-AU9254_05 Datasheet
481Kb / 23P
   USB Hub Controller
logo
ELAN Microelectronics C...
EM77F900 EMC-EM77F900 Datasheet
1Mb / 136P
   USB HUBBB Controller
logo
VIA Labs, Inc
VL812 VIALABS-VL812 Datasheet
1Mb / 18P
   USB 3.0 Hub Controller
logo
NEC
UPD720113 NEC-UPD720113 Datasheet
362Kb / 32P
   USB 2.0 HUB CONTROLLER
logo
List of Unclassifed Man...
AU9462 ETC-AU9462 Datasheet
150Kb / 31P
   USB Keyboard Hub Controller
AU9462 ETC1-AU9462_06 Datasheet
607Kb / 23P
   USB Keyboard Hub Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com