công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMX2487 bảng dữ liệu(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
tên linh kiện LMX2487
Giải thích chi tiết về linh kiện  3.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2487 bảng dữ liệu(HTML) 4 Page - National Semiconductor (TI)

  LMX2487 Datasheet HTML 1Page - National Semiconductor (TI) LMX2487 Datasheet HTML 2Page - National Semiconductor (TI) LMX2487 Datasheet HTML 3Page - National Semiconductor (TI) LMX2487 Datasheet HTML 4Page - National Semiconductor (TI) LMX2487 Datasheet HTML 5Page - National Semiconductor (TI) LMX2487 Datasheet HTML 6Page - National Semiconductor (TI) LMX2487 Datasheet HTML 7Page - National Semiconductor (TI) LMX2487 Datasheet HTML 8Page - National Semiconductor (TI) LMX2487 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Electrical Characteristics (V
CC = 3.0V; -40˚C
≤ T
A
≤ +85˚C unless otherwise specified) (Continued)
Symbol
Parameter
Conditions
Value
Units
Min
Typ
Max
RF SYNTHESIZER PARAMETERS
I
CPoutRFSINK
RF Charge Pump Sink
Current
(Note 4)
RF_CPG = 0
V
CPoutRF =VCC/2
-95
µA
RF_CPG = 1
V
CPoutRF =VCC/2
-190
µA
...
...
µA
RF_CPG = 15
V
CPoutRF =VCC/2
-1520
µA
I
CPoutRFTRI
RF Charge Pump
TRI-STATE Current
Magnitude
0.5
≤ V
CPoutRF
≤ V
CC -0.5
2
10
nA
|I
CPoutRF%MIS |
Magnitude of RF CP
Sink vs. CP Source
Mismatch
V
CPoutRF =
V
CC/2
T
A = 25˚C
RF_CPG > 2
3
10
%
RF_CPG
≤ 2
3
13
%
|I
CPoutRF%V |
Magnitude of RF CP
Current vs. CP Voltage
0.5
≤ V
CPoutRF
≤ V
CC -0.5
T
A = 25˚C
28
%
|I
CPoutRF%T |
Magnitude of RF CP
Current vs. Temperature
V
CPoutRF =VCC/2
4
%
IF SYNTHESIZER PARAMETERS
f
FinIF
Operating Frequency
IF_P = 8
250
2000
MHz
IF_P = 16
250
3000
p
FinIF
IF Input Sensitivity
-10
+5
dBm
f
COMP
Phase Detector
Frequency
10
MHz
I
CPoutIFSRCE
IF Charge Pump Source
Current
V
CPoutIF =VCC/2
3.5
mA
I
CPoutIFSINK
IF Charge Pump Sink
Current
V
CPoutIF =VCC/2
-3.5
mA
I
CPoutIFTRI
IF Charge Pump
TRI-STATE Current
Magnitude
0.5
≤ V
CPoutIF
≤ V
CC RF -0.5
2
10
nA
|I
CPoutIF%MIS |
Magnitude of IF CP Sink
vs. CP Source Mismatch
V
CPoutIF =VCC/2
T
A = 25˚C
18
%
|I
CPoutIF%V |
Magnitude of IF CP
Current vs. CP Voltage
0.5
≤ V
CPoutIF
≤ V
CC -0.5
T
A = 25˚C
410
%
|I
CPoutIF%TEMP
Magnitude of IF CP
Current vs. Temperature
V
CPoutIF =VCC/2
4
%
OSCILLATOR PARAMETERS
f
OSCin
Oscillator Operating
Frequency
OSC2X = 0
5
110
MHz
OSC2X = 1
5
20
MHz
v
OSCin
Oscillator Input
Sensitivity
0.5
V
CC
V
P-P
I
OSCin
Oscillator Input Current
-100
100
µA
SPURS
Spurs in band(Note 5)
-55
dBc
www.national.com
4


Số phần tương tự - LMX2487

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMX2487 NSC-LMX2487 Datasheet
729Kb / 40P
   1.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
Texas Instruments
LMX2487 TI1-LMX2487 Datasheet
1Mb / 49P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
LMX2487E TI1-LMX2487E Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
LMX2487ESQ TI1-LMX2487ESQ Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
LMX2487ESQ/NOPB TI1-LMX2487ESQ/NOPB Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
More results

Mô tả tương tự - LMX2487

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMX2487 NSC-LMX2487_08 Datasheet
729Kb / 40P
   1.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
Texas Instruments
LMX2486 TI1-LMX2486_14 Datasheet
1Mb / 41P
[Old version datasheet]   1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
National Semiconductor ...
LMX2486 NSC-LMX2486 Datasheet
870Kb / 37P
   1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum TM Frequency Synthesizers with 3.0 GHz Integer PLL
LMX2485 NSC-LMX2485_08 Datasheet
744Kb / 40P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800MHz Integer PLL
LMX2485 NSC-LMX2485 Datasheet
868Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
logo
Texas Instruments
LMX2485 TI1-LMX2485_14 Datasheet
1Mb / 43P
[Old version datasheet]   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
logo
National Semiconductor ...
LMX2485_0610 NSC-LMX2485_0610 Datasheet
880Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
logo
Texas Instruments
LMX2485Q-Q1 TI-LMX2485Q-Q1_15 Datasheet
606Kb / 40P
[Old version datasheet]   LMX2485Q 500 MHz - 3.1 GHz High Performance Delta-Sigma Low Power DualPLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
LMX2485 TI1-LMX2485_16 Datasheet
1Mb / 46P
[Old version datasheet]   3-GHz Delta-Sigma Low-Power Dual PLLatinum Frequency Synthesizer
logo
National Semiconductor ...
LMX2471 NSC-LMX2471 Datasheet
458Kb / 36P
   3.6 GHz Delta-Sigma Fractional-N PLL with 1.7 GHz Integer-N PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com