công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC2540 bảng dữ liệu(PDF) 9 Page - List of Unclassifed Manufacturers

tên linh kiện MC2540
Giải thích chi tiết về linh kiện  Technical Specifications for Brushless Servo Motion Control
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

MC2540 bảng dữ liệu(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MC2540 Datasheet HTML 5Page - List of Unclassifed Manufacturers MC2540 Datasheet HTML 6Page - List of Unclassifed Manufacturers MC2540 Datasheet HTML 7Page - List of Unclassifed Manufacturers MC2540 Datasheet HTML 8Page - List of Unclassifed Manufacturers MC2540 Datasheet HTML 9Page - List of Unclassifed Manufacturers MC2540 Datasheet HTML 10Page - List of Unclassifed Manufacturers MC2540 Datasheet HTML 11Page - List of Unclassifed Manufacturers MC2540 Datasheet HTML 12Page - List of Unclassifed Manufacturers MC2540 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
MC2300 Technical Specifications
9
1 The Navigator Family
MC2100
Series
MC2300
Series
MC2400
Series
MC2500
Series
MC2800
Series
# of axes
4, 2, or 1
4, 2 or 1
4, 2 or 1
4, 2, or 1
4 or 2
Motor type supported
Brushed servo
Brushless
servo
Stepping
Stepping
Brushed servo
+ brushless servo
Output format
Brushed servo
(single phase)
Commutated
(6-step or
sinusoidal)
Microstepping
Pulse and
direction
Brushed servo
(single phase)
+ commutated
(6-step sinusoidal)
Incremental encoder
input
Parallel word device input
Parallel communication
Serial communication
Diagnostic port
S-curve profiling
Electronic gearing
On-the-fly changes
Directional limit switches
Programmable bit output
Software-invertable
signals
PID servo control
-
-
Feedforward (accel & vel)
-
-
Derivative sampling time
-
-
Data trace/diagnostics
PWM output
-
Motion error detection
(with
encoder)
(with
encoder)
Axis settled indicator
(with
encoder)
(with
encoder)
DAC-compatible output
-
Pulse & direction output
-
-
-
-
Index & Home signals
Position capture
Analog input
User-defined I/O
External RAM support
Multi-chip
synchronization
(21x3)
(23x3)
(24x3)
(28x3)
Chipset part numbers
MC2140
(4 axes)
MC2120
(2 axes)
MC2110
(1 axis)
MC2340
(4 axes)
MC2320
(2 axes)
MC2310
(1 axis)
MC2440
(4 axes)
MC2420
(2 axes)
MC2410
(1 axis)
MC2540
(4 axes)
MC2520
(2 axes)
MC2510
(1 axis)
MC2840
(4 axes)
MC2820
(2 axes)
Developer's Kit p/n's:
DK2100
DK2300
DK2400
DK2500
DK2800


Số phần tương tự - MC2540

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MicroPower Direct, LLC
MC2548D-03RW MPD-MC2548D-03RW Datasheet
569Kb / 2P
   High Performance, 25W Wide Input Range DC/DC Con vert ers
MC2548D-05RW MPD-MC2548D-05RW Datasheet
569Kb / 2P
   High Performance, 25W Wide Input Range DC/DC Con vert ers
MC2548D-07RW MPD-MC2548D-07RW Datasheet
569Kb / 2P
   High Performance, 25W Wide Input Range DC/DC Con vert ers
MC2548D-09RW MPD-MC2548D-09RW Datasheet
569Kb / 2P
   High Performance, 25W Wide Input Range DC/DC Con vert ers
MC2548D-12RW MPD-MC2548D-12RW Datasheet
569Kb / 2P
   High Performance, 25W Wide Input Range DC/DC Con vert ers
More results

Mô tả tương tự - MC2540

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SV2B5-Q-RE ETC2-SV2B5-Q-RE Datasheet
165Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2A3-Q-AE ETC2-SV2A3-Q-AE Datasheet
155Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2A3-Q-EE ETC2-SV2A3-Q-EE Datasheet
156Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2A3-Q-RE ETC2-SV2A3-Q-RE Datasheet
156Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2A5-Q-RE ETC2-SV2A5-Q-RE Datasheet
163Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2B5-Q-EE ETC2-SV2B5-Q-EE Datasheet
165Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2B3-Q-AE ETC2-SV2B3-Q-AE Datasheet
157Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2A5-Q-AE ETC2-SV2A5-Q-AE Datasheet
163Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2B3-Q-RE ETC2-SV2B3-Q-RE Datasheet
158Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2B5-Q-AE ETC2-SV2B5-Q-AE Datasheet
235Kb / 4P
   Digital Servo Drive w/ On-board motion control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com