công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TA16-11 bảng dữ liệu(PDF) 1 Page - Kingbright Corporation

tên linh kiện TA16-11
Giải thích chi tiết về linh kiện  37mm (1.4 INCH ) 5 X 8 SINGLE COLOR DOT MATRIX DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KINGBRIGHT [Kingbright Corporation]
Trang chủ  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

TA16-11 bảng dữ liệu(HTML) 1 Page - Kingbright Corporation

  TA16-11 Datasheet HTML 1Page - Kingbright Corporation TA16-11 Datasheet HTML 2Page - Kingbright Corporation TA16-11 Datasheet HTML 3Page - Kingbright Corporation TA16-11 Datasheet HTML 4Page - Kingbright Corporation TA16-11 Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: CDA0876
REV NO: V.1
DATE: NOV/18/2001
PAGE: 1 OF 5
APPROVED:J.LU
CHECKED:
DRAWN: S.H.CHEN
TA16-11EWA/GWA/YWA/SRWA
TC16-11EWA/GWA/YWA/SRWA
37mm (1.4 INCH) 5x8 SINGLE COLOR DOT
MATRIX DISPLAYS
Description
The High Efficiency Red source color devices are made with
GalliumArsenidePhosphideonGalliumPhosphideOrangeLight
EmittingDiode.
The Green source color devices are made with Gallium Phosphide
GreenLightEmittingDiode.
The Yellow source color devices are made with Gallium Arsenide
PhosphideonGalliumPhosphideYellowLightEmittingDiode.
The Super Bright Red source color devices are made with Gallium
Aluminum Arsenide Red Light Emitting Diode.
Features
!
1.4 INCH MATRIX HEIGHT.
!
DOT SIZE 3mm.
!
LOW CURRENT OPERATION.
!
HIGH CONTRAST AND LIGHT OUTPUT.
!
COMPATIBLE WITH ASCII AND EBCDIC CODES.
!
STACKABLE HORIZONTALLY AND VERTICALLY.
!
COLUMN CATHODE AND COLUMN ANODE
AVAILABLE.
!
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
!
CATEGORIZED FOR LUMINOUS INTENSITY,
YELLOW AND GREEN CATEGORIZED FOR COLOR.
!
MECHANICALLY RUGGED.
!
STANDARD: GRAY FACE, WHITE DOT.
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change whitout notice.
Package Dimensions & Internal Circuit Diagram


Số phần tương tự - TA16-11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Beijing Yaohuadechang E...
TA16-01 YHDC-TA16-01 Datasheet
1Mb / 1P
   Primary core built-in type current transformer
TA16-02 YHDC-TA16-02 Datasheet
1Mb / 1P
   Primary core built-in type current transformer
TA16-03 YHDC-TA16-03 Datasheet
1Mb / 1P
   Primary core built-in type current transformer
More results

Mô tả tương tự - TA16-11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Everlight Electronics C...
ELM-1081SYGWA EVERLIGHT-ELM-1081SYGWA Datasheet
194Kb / 6P
   1.4 inch 5*8 Dot Matrix Displays
ELM-1081SURWA EVERLIGHT-ELM-1081SURWA Datasheet
197Kb / 7P
   1.4 inch 5*8 Dot Matrix Displays
ELM-1082SYGWA EVERLIGHT-ELM-1082SYGWA Datasheet
181Kb / 6P
   1.4 inch 5*8 Dot Matrix Displays
logo
Lite-On Technology Corp...
LTP-2558AA LITEON-LTP-2558AA Datasheet
986Kb / 8P
   2.3 inch 5 x 8 SINGLE COLOR & MULTICOLOR DOT MATRIX DISPLAYS
logo
Everlight Electronics C...
ELM-2082SURWA EVERLIGHT-ELM-2082SURWA Datasheet
198Kb / 7P
   2.3 inch 5*8 Dot Matrix Displays
ELM-2081SURWA EVERLIGHT-ELM-2081SURWA Datasheet
195Kb / 7P
   2.3 inch 5*8 Dot Matrix Displays
ELM-1082SURWA EVERLIGHT-ELM-1082SURWA Datasheet
192Kb / 7P
   1.2 inch 5*8 Dot Matrix Displays
logo
List of Unclassifed Man...
TA07-11EWA ETC-TA07-11EWA Datasheet
153Kb / 5P
   18MM (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TC07-11 KINGBRIGHT-TC07-11 Datasheet
133Kb / 5P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAYS
logo
Fairchild Semiconductor
GMA2885C FAIRCHILD-GMA2885C Datasheet
602Kb / 8P
   2.3 5 X 8 DOT MATRIX DISPLAYS
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com