công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST300S20M3L bảng dữ liệu(PDF) 3 Page - International Rectifier |
|
ST300S20M3L bảng dữ liệu(HTML) 3 Page - International Rectifier |
3 / 8 page ST300S Series 3 Bulletin I25158 rev. B 01/94 www.irf.com Parameter ST300S Units Conditions Switching µs dv/dt Maximum critical rate of rise of off-state voltage I RRM Max. peak reverse and off-state I DRM leakage current Blocking 500 V/µs T J = T J max. linear to 80% rated V DRM Parameter ST300S Units Conditions 50 mA T J = T J max, rated V DRM /V RRM applied P GM Maximum peak gate power 10.0 T J = T J max, t p ≤ 5ms P G(AV) Maximum average gate power 2.0 T J = TJ max, f = 50Hz, d% = 50 I GM Max. peak positive gate current 3.0 A T J = T J max, t p ≤ 5ms +V GM Maximum peak positive gate voltage -V GM Maximum peak negative gate voltage I GT DC gate current required T J = - 40°C to trigger mA T J = 25°C T J = 125°C V GT DC gate voltage required T J = - 40°C to trigger V T J = 25°C T J = 125°C I GD DC gate current not to trigger 10.0 mA Parameter ST300S Units Conditions 20 5.0 Triggering V GD DC gate voltage not to trigger 0.25 V T J = TJ max TYP. MAX. 200 - 100 200 50 - 2.5 - 1.8 3 1.1 - Max. gate current/ voltage not to trigger is the max. value which will not trigger any unit with rated V DRM anode-to-cathode applied VT J = T J max, t p ≤ 5ms Max. required gate trigger/ cur- rent/ voltage are the lowest value which will trigger all units 12V anode-to-cathode applied W di/dt Max. non-repetitive rate of rise Gate drive 20V, 20 Ω, t r ≤ 1µs of turned-on current T J = T J max, anode voltage ≤ 80% V DRM Gate current 1A, di g /dt = 1A/µs Vd = 0.67% V DRM , T J = 25°C I TM = 550A, T J = T J max, di/dt = 40A/µs, V R = 50V dv/dt = 20V/µs, Gate 0V 100 Ω, t p = 500µs t d Typical delay time 1.0 t q Typical turn-off time 100 1000 A/µs |
Số phần tương tự - ST300S20M3L |
|
Mô tả tương tự - ST300S20M3L |