công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC58320CP bảng dữ liệu(PDF) 9 Page - List of Unclassifed Manufacturers

tên linh kiện MC58320CP
Giải thích chi tiết về linh kiện  Electrical Specification for Pulse and Direction Motion Control
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

MC58320CP bảng dữ liệu(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MC58320CP Datasheet HTML 5Page - List of Unclassifed Manufacturers MC58320CP Datasheet HTML 6Page - List of Unclassifed Manufacturers MC58320CP Datasheet HTML 7Page - List of Unclassifed Manufacturers MC58320CP Datasheet HTML 8Page - List of Unclassifed Manufacturers MC58320CP Datasheet HTML 9Page - List of Unclassifed Manufacturers MC58320CP Datasheet HTML 10Page - List of Unclassifed Manufacturers MC58320CP Datasheet HTML 11Page - List of Unclassifed Manufacturers MC58320CP Datasheet HTML 12Page - List of Unclassifed Manufacturers MC58320CP Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
MC55000 Electrical Specification – Preliminary 11/14/2003
9
1111 The MC50000 Family
The MC50000 Family
The MC50000 Family
The MC50000 Family
MC55020 Series
MC55020 Series
MC55020 Series
MC55020 Series
MC58020 Series
MC58020 Series
MC58020 Series
MC58020 Series
MC55110
MC55110
MC55110
MC55110
MC58110
MC58110
MC58110
MC58110
Number of axes
4,3,2 or 1
4,3,2 or 1
1
1
Number of chips
2 (CP and IO)
2 (CP and IO)
1 (CP)
1 (CP)
Motor type
Stepping
Brushed DC servo
Brushless DC servo
Stepping
Stepping
Brushed DC servo
Brushless DC servo
Stepping
Output format
Pulse and direction
Brushed single phase
Sinusoidal
commutation
Microstepping
Pulse and direction
Pulse and direction
Brushed single phase
Sinusoidal
commutation
Microstepping
Pulse and direction
Communication interface
Parallel
Asynchronous serial
CAN 2.0B
Position input
Incremental encoder
input
Parallel word device
input
Index & Home
signals
Position capture
Directional limit
switches
Motor command output
PWM output
-
-
Parallel DAC output
-
-
SPI DAC output
-
-
Trajectory generation
Pulse & direction
output
Trapezoidal
profiling
S-curve profiling
Velocity profiling
Electronic gearing
On-the-fly changes
Servo filter
PID position loop
-
-
Dual encoder loop
-
-
Derivative sampling
time
-
-
Feedforward (accel
& vel)
-
-
Dual bi-quad filter
-
-


Số phần tương tự - MC58320CP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MC58320CP ETC1-MC58320CP Datasheet
443Kb / 50P
   Magellan Motion Processor
More results

Mô tả tương tự - MC58320CP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Epson Company
M-G350-PD11 EPSON-M-G350-PD11 Datasheet
1Mb / 4P
   Motion analysis and control
logo
List of Unclassifed Man...
TSM23P-3AG ETC2-TSM23P-3AG Datasheet
262Kb / 10P
   NEMA 23 Integrated StepSERVO??Motor w/ Pulse & Direction Control
TSM23P-4AG ETC2-TSM23P-4AG Datasheet
257Kb / 10P
   NEMA 23 Integrated StepSERVO??Motor w/ Pulse & Direction Control
TSM17P-3AG ETC2-TSM17P-3AG Datasheet
256Kb / 10P
   NEMA 17 Integrated StepSERVO??Motor w/ Pulse & Direction Control
TSM23P-2AG ETC2-TSM23P-2AG Datasheet
256Kb / 10P
   NEMA 23 Integrated StepSERVO??Motor w/ Pulse & Direction Control
TSM17P-2AG ETC2-TSM17P-2AG Datasheet
268Kb / 10P
   NEMA 17 Integrated StepSERVO??Motor w/ Pulse & Direction Control
TSM17P-1AG ETC2-TSM17P-1AG Datasheet
263Kb / 10P
   NEMA 17 Integrated StepSERVO??Motor w/ Pulse & Direction Control
logo
International Rectifier
IRFS4321-7PPBF IRF-IRFS4321-7PPBF Datasheet
410Kb / 10P
   Motion Control Applications
logo
DB Lectro Inc
N3753AADC6P DBLECTRO-N3753AADC6P Datasheet
396Kb / 2P
   Suitable for automatic control, household electrical appliances and machinery electrical facilities.
logo
Intel Corporation
NHPXA270C5C312 INTEL-NHPXA270C5C312 Datasheet
1Mb / 126P
   Electrical, Mechanical, and Thermal Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com