công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC58210CP bảng dữ liệu(PDF) 10 Page - List of Unclassifed Manufacturers

tên linh kiện MC58210CP
Giải thích chi tiết về linh kiện  Electrical Specification for Pulse and Direction Motion Control
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

MC58210CP bảng dữ liệu(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MC58210CP Datasheet HTML 6Page - List of Unclassifed Manufacturers MC58210CP Datasheet HTML 7Page - List of Unclassifed Manufacturers MC58210CP Datasheet HTML 8Page - List of Unclassifed Manufacturers MC58210CP Datasheet HTML 9Page - List of Unclassifed Manufacturers MC58210CP Datasheet HTML 10Page - List of Unclassifed Manufacturers MC58210CP Datasheet HTML 11Page - List of Unclassifed Manufacturers MC58210CP Datasheet HTML 12Page - List of Unclassifed Manufacturers MC58210CP Datasheet HTML 13Page - List of Unclassifed Manufacturers MC58210CP Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
MC55000 Electrical Specification – Preliminary 11/14/2003
10
MC55020 Series
MC55020 Series
MC55020 Series
MC55020 Series
MC58020 Series
MC58020 Series
MC58020 Series
MC58020 Series
MC55110
MC55110
MC55110
MC55110
MC58110
MC58110
MC58110
MC58110
Miscellaneous
Data
trace/diagnostics
Motion error
detection
(with encoder)
(with encoder)
Axis settled
indicator
(with encoder)
(with encoder)
Analog input
Programmable bit
output
Software-invertible
signals
User-defined I/O
External RAM
support
Multi-chip
synchronization
Chipset part
numbers
MC55120
MC55220
MC55320
MC55420
MC58120
MC58220
MC58320
MC58420
MC55110
MC58110
Developer's Kit
p/n's:
DK55420
DK58420
DK55110
DK58110
Introduction
This manual describes the operational characteristics of the MC55000 Series Motion Processors from
PMD. These devices are members of PMD’s third-generation motion processor family.
Each of these devices is a complete chip-based motion processor. They provide trajectory
generation, related motion control functions and high-speed pulse and direction outputs. Together
these products provide a software-compatible family of dedicated motion processors that can handle
a large variety of system configurations.
Each of these chips utilize a similar architecture, consisting of a high-speed computation unit, along
with an ASIC (Application Specific Integrated Circuit). The computation unit contains special on-
board hardware that makes it well suited for the task of motion control.
Along with similar hardware architecture these chips also share most software commands, so that
software written for one series may be re-used with another, even though the type of motor may be
different.


Số phần tương tự - MC58210CP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MC58210CP ETC1-MC58210CP Datasheet
443Kb / 50P
   Magellan Motion Processor
More results

Mô tả tương tự - MC58210CP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Epson Company
M-G350-PD11 EPSON-M-G350-PD11 Datasheet
1Mb / 4P
   Motion analysis and control
logo
List of Unclassifed Man...
TSM23P-3AG ETC2-TSM23P-3AG Datasheet
262Kb / 10P
   NEMA 23 Integrated StepSERVO??Motor w/ Pulse & Direction Control
TSM23P-4AG ETC2-TSM23P-4AG Datasheet
257Kb / 10P
   NEMA 23 Integrated StepSERVO??Motor w/ Pulse & Direction Control
TSM17P-3AG ETC2-TSM17P-3AG Datasheet
256Kb / 10P
   NEMA 17 Integrated StepSERVO??Motor w/ Pulse & Direction Control
TSM23P-2AG ETC2-TSM23P-2AG Datasheet
256Kb / 10P
   NEMA 23 Integrated StepSERVO??Motor w/ Pulse & Direction Control
TSM17P-2AG ETC2-TSM17P-2AG Datasheet
268Kb / 10P
   NEMA 17 Integrated StepSERVO??Motor w/ Pulse & Direction Control
TSM17P-1AG ETC2-TSM17P-1AG Datasheet
263Kb / 10P
   NEMA 17 Integrated StepSERVO??Motor w/ Pulse & Direction Control
logo
International Rectifier
IRFS4321-7PPBF IRF-IRFS4321-7PPBF Datasheet
410Kb / 10P
   Motion Control Applications
logo
DB Lectro Inc
N3753AADC6P DBLECTRO-N3753AADC6P Datasheet
396Kb / 2P
   Suitable for automatic control, household electrical appliances and machinery electrical facilities.
logo
Intel Corporation
NHPXA270C5C312 INTEL-NHPXA270C5C312 Datasheet
1Mb / 126P
   Electrical, Mechanical, and Thermal Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com