công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11650 bảng dữ liệu(PDF) 4 Page - Sanyo Semicon Device

tên linh kiện LB11650
Giải thích chi tiết về linh kiện  PWM Input Forward/Reverse Motor Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11650 bảng dữ liệu(HTML) 4 Page - Sanyo Semicon Device

  LB11650 Datasheet HTML 1Page - Sanyo Semicon Device LB11650 Datasheet HTML 2Page - Sanyo Semicon Device LB11650 Datasheet HTML 3Page - Sanyo Semicon Device LB11650 Datasheet HTML 4Page - Sanyo Semicon Device LB11650 Datasheet HTML 5Page - Sanyo Semicon Device LB11650 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
High/Low Short Protection Function
This function turns the outputs off to prevent destruction of the IC if a problem such as an output pin being shorted to
VM or ground occurs and excessive current flows in the output transistors.
When an excessive current flows in an output transistor, a potential will occur across either the high side or the low side
current sense resistor. If that value exceeds the current detection threshold voltage, the capacitor connected to the C pin
starts to charge. Then, when the C pin voltage is charged to the output off threshold voltage, the output transistors are
turned off.
To restart the IC once it has gone to the output off state, either set the ST pin to the low level, or temporarily cut the VCC
power supply, and then reapply power.
The overcurrent detection current setting can be set to an arbitrary level with the resistor inserted between VM and VHS
for current flowing in the high side output transistor, and with the resistor inserted between VLS and ground for current
flowing in the low side output transistor.
When the resistor connected to VHS or VLS pin is R (
Ω), the detected current I (A) will be as follows.
I (A) = 0.5 (V) / R (
Ω)
For example, if R is 0.5
Ω, the detected current I will be 1 A.
This function is not an output current limiter function.
The detection current described above has the meaning that the short-circuit protection circuit begins to operate when a
current in excess of the detection current flows in the outputs. Therefore, if an output pin is shorted to VM or ground, the
maximum possible overcurrent that the output transistors are capable of will flow until the mask time set with the filter
circuit has elapsed. Designers must exert great care in designing the mask time setting.
Filter Circuit
To prevent the overcurrent protection and thermal shutdown circuits from operating incorrectly due to noise, the
LB11650 includes a circuit that sets a mask time so that when an abnormality is detected, it only turns the outputs off if
that state continues for a certain length of time.
When the capacitor connected between the C pin and ground is C (pF), the mask time T (µs) will be as follows.
T (µs) = 2.6
× 10–2 × C (pF)
For example, if C is 50 pF, the mask time T will be 1.3 µs.
Low Side Transistor Drive Current Switching Pin
Since the lower side output transistor drive current is created from VCC, if the VCC power supply level is reduced, the
drive current will also be reduced. Therefore, the LB11650 is provided with a pin for switching the drive current so that
the LB11650 can provide the same drive current when used with 3.3 V specifications as it does when used with 5 V
specifications.
When VCC = 5 V: Leave the R pin open.
When VCC = 3.3 V: Short the R pin to VCC.
No. 7390-4/6
LB11650


Số phần tương tự - LB11650

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LB11650 ONSEMI-LB11650 Datasheet
115Kb / 6P
   PWM Input Forward/Reverse Motor Driver
July, 2013
logo
Sanyo Semicon Device
LB11650H SANYO-LB11650H Datasheet
52Kb / 6P
   PWM Input Forward/Reverse Motor Driver
More results

Mô tả tương tự - LB11650

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11651H SANYO-LB11651H Datasheet
56Kb / 6P
   PWM Input Forward/Reverse Motor Driver
LB11651 SANYO-LB11651 Datasheet
54Kb / 6P
   PWM Input Forward/Reverse Motor Driver
LB11650H SANYO-LB11650H Datasheet
52Kb / 6P
   PWM Input Forward/Reverse Motor Driver
logo
ON Semiconductor
LB11651 ONSEMI-LB11651 Datasheet
115Kb / 6P
   PWM Input Forward/Reverse Motor Driver
July, 2013
LB11650 ONSEMI-LB11650 Datasheet
115Kb / 6P
   PWM Input Forward/Reverse Motor Driver
July, 2013
STK681-300 ONSEMI-STK681-300 Datasheet
86Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
STK681-310 ONSEMI-STK681-310 Datasheet
97Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
LV8086T ONSEMI-LV8086T Datasheet
73Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
LV8417CS ONSEMI-LV8417CS Datasheet
168Kb / 5P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8400V SANYO-LV8400V Datasheet
132Kb / 6P
   Forward/Reverse Motor Driver
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com