công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK403-430 bảng dữ liệu(PDF) 1 Page - Sanyo Semicon Device

tên linh kiện STK403-430
Giải thích chi tiết về linh kiện  Six-Channel Class AB Audio Power Amplifier IC 20 W X 6 Channels
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK403-430 bảng dữ liệu(HTML) 1 Page - Sanyo Semicon Device

  STK403-430 Datasheet HTML 1Page - Sanyo Semicon Device STK403-430 Datasheet HTML 2Page - Sanyo Semicon Device STK403-430 Datasheet HTML 3Page - Sanyo Semicon Device STK403-430 Datasheet HTML 4Page - Sanyo Semicon Device STK403-430 Datasheet HTML 5Page - Sanyo Semicon Device STK403-430 Datasheet HTML 6Page - Sanyo Semicon Device STK403-430 Datasheet HTML 7Page - Sanyo Semicon Device STK403-430 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Ordering number : ENN7374
D2503TN (OT) No. 7374-1/8
Overview
The STK403-400 series products are audio power
amplifier hybrid ICs that consist of optimally-designed
discrete component power amplifier circuits that have
been miniaturized using SANYO's unique insulated metal
substrate technology (IMST). The adoption of a newly-
developed low thermal resistance substrate allows this
product to integrate six power amplifier channels in a
single compact package. The adoption of a standby circuit
in this device allows it to reduce impulse noise
significantly as compared to earlier Sanyo products, in
particular, the STK402-*00 series products.
Features
• Series of pin compatible power amplifiers ranging from
30 W/ch to 45 W/ch (10%/1 kHz) devices. The same
printed circuit board can be used depending on the
output power grade.
• Miniature packages
— 78.0 mm
× 32.0 mm × 9.0 mm *
*: Not including the pins.
• Output load impedance: RL = 6 Ω
• Allowable load shorted time: 0.3 seconds
• Supports the use of standby and muting circuits.
Package Dimensions
unit: mm
4202-SIP28
SANYO: SIP28
[STK403-430]
STK403-430
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Six-Channel Class AB Audio Power Amplifier IC
20 W
× 6 Channels
Thick-Film Hybrid IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.


Số phần tương tự - STK403-430

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
STK403-070 ETC1-STK403-070 Datasheet
281Kb / 1P
   AMP SCHEMATIC DIAGRAM
logo
Sanyo Semicon Device
STK403-090 SANYO-STK403-090 Datasheet
114Kb / 6P
   STK403-130 / 2 channels AF power amplifier / Sanyo / 15 Pins
STK403-100 SANYO-STK403-100 Datasheet
114Kb / 6P
   STK403-130 / 2 channels AF power amplifier / Sanyo / 15 Pins
STK403-120 SANYO-STK403-120 Datasheet
114Kb / 6P
   STK403-130 / 2 channels AF power amplifier / Sanyo / 15 Pins
STK403-130 SANYO-STK403-130 Datasheet
114Kb / 6P
   STK403-130 / 2 channels AF power amplifier / Sanyo / 15 Pins
More results

Mô tả tương tự - STK403-430

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK402-030 SANYO-STK402-030 Datasheet
62Kb / 5P
   Two-Channel Class AB Audio Power Amplifier IC 20 W 20 W
STK402-090 SANYO-STK402-090 Datasheet
54Kb / 5P
   Two-Channel Class AB Audio Power Amplifier IC 50 W 50 W
STK402-250 SANYO-STK402-250 Datasheet
108Kb / 4P
   Three-Channel Class AB Audio Power Amplifier IC
STK402-270 SANYO-STK402-270 Datasheet
112Kb / 4P
   Three-Channel Class AB Audio Power Amplifier IC 40 W 40 W 40 W
STK404-230-E SANYO-STK404-230-E Datasheet
363Kb / 12P
   One-Channel Class AB Audio Power Amplifier IC 100W
STK404-200-E SANYO-STK404-200-E Datasheet
353Kb / 11P
   One-Channel Class AB Audio Power Amplifier IC 60W
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
   Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
STK402-070 SANYO-STK402-070 Datasheet
64Kb / 6P
   Two-Channel Class AB Audio Power Amplifier IC 40W 40W
logo
List of Unclassifed Man...
PA2030A ETC1-PA2030A Datasheet
522Kb / 1P
   AB Class Audio Power Amplifier, MOSFET IC Power Amp
logo
Unisonic Technologies
PA7493 UTC-PA7493_15 Datasheet
278Kb / 7P
   2W X 2 CLASS AB AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com