công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SSY39V400454EEK bảng dữ liệu(PDF) 4 Page - Silicon Storage Technology, Inc

tên linh kiện SSY39V400454EEK
Giải thích chi tiết về linh kiện  2 MBIT / 4 MBIT / 8 MBIT ( X 16 ) MULTI - PURPOSE FLASH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SST [Silicon Storage Technology, Inc]
Trang chủ  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SSY39V400454EEK bảng dữ liệu(HTML) 4 Page - Silicon Storage Technology, Inc

  SSY39V400454EEK Datasheet HTML 1Page - Silicon Storage Technology, Inc SSY39V400454EEK Datasheet HTML 2Page - Silicon Storage Technology, Inc SSY39V400454EEK Datasheet HTML 3Page - Silicon Storage Technology, Inc SSY39V400454EEK Datasheet HTML 4Page - Silicon Storage Technology, Inc SSY39V400454EEK Datasheet HTML 5Page - Silicon Storage Technology, Inc SSY39V400454EEK Datasheet HTML 6Page - Silicon Storage Technology, Inc SSY39V400454EEK Datasheet HTML 7Page - Silicon Storage Technology, Inc SSY39V400454EEK Datasheet HTML 8Page - Silicon Storage Technology, Inc SSY39V400454EEK Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Data Sheet
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash
SST39LF200A / SST39LF400A / SST39LF800A
SST39VF200A / SST39VF400A / SST39VF800A
©2001 Silicon Storage Technology, Inc.
S71117-04-000
6/01
360
Product Identification
The Product Identification mode identifies the devices as
the SST39LF/VF200A, SST39LF/VF400A and SST39LF/
VF800A and manufacturer as SST. This mode may be
accessed by software operations. Users may use the
Software Product Identification operation to identify the part
(i.e.,
using
the
device
ID)
when
using
multiple
manufacturers in the same socket. For details, see Table 4
for software operation, Figure 11 for the Software ID Entry
and Read timing diagram, and Figure 18 for the Software
ID Entry command sequence flowchart.
Product Identification Mode Exit/
CFI Mode Exit
In order to return to the standard Read mode, the Software
Product Identification mode must be exited. Exit is accom-
plished by issuing the Software ID Exit command
sequence, which returns the device to the Read mode.
This command may also be used to reset the device to the
Read mode after any inadvertent transient condition that
apparently causes the device to behave abnormally, e.g.,
not read correctly. Please note that the Software ID Exit/
CFI Exit command is ignored during an internal Program or
Erase operation. See Table 4 for software command
codes, Figure 13 for timing waveform and Figure 18 for a
flowchart.
TABLE
1: PRODUCT IDENTIFICATION TABLE
Address
Data
Manufacturer’s ID
0000H
00BFH
Device ID
SST39LF/VF200A
0001H
2789H
SST39LF/VF400A
0001H
2780H
SST39LF/VF800A
0001H
2781H
T1.3 360


Số phần tương tự - SSY39V400454EEK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cooper Bussmann, Inc.
SSY COOPER-SSY Datasheet
143Kb / 2P
   Box Cover Units for Plug Fuses
logo
DOMINANT Semiconductors
SSY-CLD-J1 DOMINANT-SSY-CLD-J1 Datasheet
779Kb / 11P
   SpiceLED AlInGaP S-Spice
SSY-CLD-J2 DOMINANT-SSY-CLD-J2 Datasheet
779Kb / 11P
   SpiceLED AlInGaP S-Spice
SSY-CLD-JK2-1-I2 DOMINANT-SSY-CLD-JK2-1-I2 Datasheet
967Kb / 14P
   SpiceLED
SSY-CLD-JK2-I2 DOMINANT-SSY-CLD-JK2-I2 Datasheet
779Kb / 11P
   SpiceLED AlInGaP S-Spice
More results

Mô tả tương tự - SSY39V400454EEK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
SST39VF800A-70-4I-B3KE-T MICROCHIP-SST39VF800A-70-4I-B3KE-T Datasheet
4Mb / 37P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
03/11
logo
Silicon Storage Technol...
SST39LF200A SST-SST39LF200A_10 Datasheet
862Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A_07 Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A Datasheet
340Kb / 30P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
logo
Microchip Technology
SST39LF200A MICROCHIP-SST39LF200A_11 Datasheet
4Mb / 37P
   Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
2011 Silicon
logo
Silicon Storage Technol...
SST39LF080 SST-SST39LF080 Datasheet
311Kb / 26P
   8 Mbit / 16 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com