công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS4962MEIJT bảng dữ liệu(PDF) 4 Page - STMicroelectronics

tên linh kiện TS4962MEIJT
Giải thích chi tiết về linh kiện  3W Filter - free Class D Audio Power Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962MEIJT bảng dữ liệu(HTML) 4 Page - STMicroelectronics

  TS4962MEIJT Datasheet HTML 1Page - STMicroelectronics TS4962MEIJT Datasheet HTML 2Page - STMicroelectronics TS4962MEIJT Datasheet HTML 3Page - STMicroelectronics TS4962MEIJT Datasheet HTML 4Page - STMicroelectronics TS4962MEIJT Datasheet HTML 5Page - STMicroelectronics TS4962MEIJT Datasheet HTML 6Page - STMicroelectronics TS4962MEIJT Datasheet HTML 7Page - STMicroelectronics TS4962MEIJT Datasheet HTML 8Page - STMicroelectronics TS4962MEIJT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Electrical Characteristics
TS4962M
4/32
3
Electrical Characteristics
Table 4.
VCC = +5V, GND = 0V, VIC =2.5V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICC
Supply Current
No input signal, no load
2.3
3.3
mA
ISTBY
Standby Current (1)
1.
Standby mode is active when VSTBY is tied to GND.
No input signal, VSTBY = GND
10
1000
nA
VOO
Output Offset Voltage No input signal, RL =8Ω
325
mV
Pout
Output Power
G=6dB
THD = 1% Max, F = 1kHz, RL =4Ω
THD = 10% Max, F = 1kHz, RL =4Ω
THD = 1% Max, F = 1kHz, RL =8Ω
THD = 10% Max, F = 1kHz, RL =8Ω
2.3
3
1.4
1.75
W
THD + N
Total Harmonic
Distortion + Noise
Pout = 900mWRMS, G = 6dB, 20Hz < F < 20kHz
RL =8Ω + 15µH, BW < 30kHz
Pout =1WRMS, G = 6dB, F = 1kHz,
RL =8Ω + 15µH, BW < 30kHz
1
0.4
%
Efficiency Efficiency
Pout =2WRMS, RL =4Ω + ≥ 15µH
Pout =1.2WRMS, RL =8Ω+ ≥ 15µH
78
88
%
PSRR
Power Supply
Rejection Ratio with
Inputs Grounded (2)
2.
Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is the superimposed sinusoidal signal to VCC @ F = 217Hz.
F = 217Hz, RL =8Ω, G=6dB,
Vripple = 200mVpp
63
dB
CMRR
Common Mode
Rejection Ratio
F = 217Hz, RL =8Ω, G=6dB,
∆Vicm =200mVpp
57
dB
Gain
Gain Value
Rin in kΩ
V/V
RSTBY
Internal Resistance
from Standby to GND
273
300
327
k
FPWM
Pulse Width Modulator
Base Frequency
180
250
320
kHz
SNR
Signal to Noise Ratio
A Weighting, Pout = 1.2W, RL =8Ω
85
dB
tWU
Wake-up Time
5
10
ms
tSTBY
Standby Time
5
10
ms
VN
Output Voltage Noise
F = 20Hz to 20kHz, G = 6dB
Unweighted RL =4Ω
A weighted RL =4Ω
85
60
µVRMS
Unweighted RL =8Ω
A weighted RL =8Ω
86
62
Unweighted RL =4Ω + 15µH
A weighted RL =4Ω + 15µH
83
60
Unweighted RL =4Ω + 30µH
A weighted RL =4Ω + 30µH
88
64
Unweighted RL =8Ω + 30µH
A weighted RL =8Ω + 30µH
78
57
Unweighted RL =4Ω + Filter
A weighted RL =4Ω + Filter
87
65
Unweighted RL =4Ω + Filter
A weighted RL =4Ω + Filter
82
59
273k
R
in
------------------
300k
R
in
------------------
327k
R
in
------------------


Số phần tương tự - TS4962MEIJT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TS4962MEIJT STMICROELECTRONICS-TS4962MEIJT Datasheet
1Mb / 41P
   3W filter-free class D audio power amplifier
More results

Mô tả tương tự - TS4962MEIJT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962 Datasheet
1Mb / 22P
   3W Filter-free Class D Audio Power Amplifier
TS4962M STMICROELECTRONICS-TS4962M_07 Datasheet
1Mb / 41P
   3W filter-free class D audio power amplifier
logo
Holtek Semiconductor In...
HT82V7534 HOLTEK-HT82V7534 Datasheet
3Mb / 16P
   3W Stereo Filter-free Class-D Audio Power Amplifier
logo
Integrated Silicon Solu...
IS31AP2006 ISSI-IS31AP2006 Datasheet
332Kb / 14P
   3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2006-DLS2-TR ISSI-IS31AP2006-DLS2-TR Datasheet
349Kb / 17P
   3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA2006D1 TI1-TPA2006D1 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA2005D1 TI1-TPA2005D1 Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com