công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM-3116 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện STM-3116
Giải thích chi tiết về linh kiện  2100 - 2500 MHz High Linearity Active Transmit Mixer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

STM-3116 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  STM-3116 Datasheet HTML 1Page - List of Unclassifed Manufacturers STM-3116 Datasheet HTML 2Page - List of Unclassifed Manufacturers STM-3116 Datasheet HTML 3Page - List of Unclassifed Manufacturers STM-3116 Datasheet HTML 4Page - List of Unclassifed Manufacturers STM-3116 Datasheet HTML 5Page - List of Unclassifed Manufacturers STM-3116 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The information provided herein is believed to be reliable at press time. Sirenza Microdevices assumes no responsibility for inaccuracies or ommisions.
Sirenza Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without
notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any Sirenza Microdevices product
for use in life-support devices and/or systems.
Copyright 2002 Sirenza Microdevices, Inc. All worldwide rights reserved.
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
http://www.sirenza.com
1
EDS102201 Rev B
Preliminary
The Sirenza Microdevices’ STM-3116 is a high linearity
active mixer for use in a wide variety of communication
systems covering the 2100-2500 MHz frequency bands.
This device operates from a single 5V supply and provides
17 dB of conversion gain while requiring only 0dBm input
to theintegratedLO driver. TheSTM-3116alsoincludes an
integrated on chip IF amplifier and is fabricated using Sili-
con Germanium (SiGe) device technology.
The RF and LO ports can be driven differential or single
ended. Each broadband port has been designed to mini-
mize performance degradation while operating into highly
reactive components such as SAW filters. The device is
packagedinan industrystandard16pin TSSOP with
exposed paddle for superb RF and thermal ground.
Product Specifications
Parameters
Test Conditions: TA = 25ºC, VCC =5.0V,
PLO =0dBm, PIF = -20dBm, IF = 200MHz
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
RF Frequency Range
MHz
2100
2300
2300
2500
LO Frequency Range
MHz
1900
2100
2100
2300
IF Frequency Range
MHz
30
200
400
30
200
400
Conversion Gain
dB
14
17
19
12
15.5
18
SSB Noise Figure
dB
9.0
11
9.0
11
Output IP3
IF1 = IF2 = -20 dBm/tone, 1 MHz spacing
dBm
21
24.5
17
21
Output P1dB
dBm
8
11
5
8.5
Leakage (LO-RF)
dBm
-20
-10
-20
-10
Leakage (LO-IF)
dBm
-30
-20
-30
-20
RF, LO, IF Return Loss Matched to 50
Ω, see Note 1, page 3
dB
14
14
Supply Voltage (Vcc)
V
+4.75
+5.0
+5.25
+4.75
+5.0
+5.25
Supply Current
mA
200
200
LO Drive
Matched to 50
dBm
-3
0
+3
-3
0
+3
Thermal Resistance
junction-case
ºC/W
25
25
Functional Block Diagram
STM-3116
2100 - 2500 MHz High Linearity
Active Transmit Mixer
Product Features
Applications
Active mixer with 17 dB conversion gain
Integrated 0dBm LO drive and IF amplifier
Differential or single-ended input
Single supply operation (+5V)
Broadband resistive 50Ω impedance on all
three ports
Low LO-RF leakage
UMTS/ISM transmitters
Product Description
16 pin TSSOP with Exposed Ground Pad
Package Footprint: 0.197 x 0.252 inches (5.0 x 6.4 mm)
Package Height: 0.039 inches (1.0 mm)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LOP
LON
VEE
VEE
RFP
RFN
VCC
VEE
VEE
VCC
IFN
VCC
VEE
VEE
VCC
IFP


Số phần tương tự - STM-3116

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SIRENZA MICRODEVICES
STM-3116 SIRENZA-STM-3116 Datasheet
181Kb / 6P
   2100 - 2500 MHz High Linearity Active Transmit Mixer
More results

Mô tả tương tự - STM-3116

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SIRENZA MICRODEVICES
STM-3116 SIRENZA-STM-3116 Datasheet
181Kb / 6P
   2100 - 2500 MHz High Linearity Active Transmit Mixer
logo
ATMEL Corporation
ATR0787 ATMEL-ATR0787 Datasheet
184Kb / 12P
   High Linearity Active Transmit Mixer for 2100 MHz to 2500 MHz
logo
SIRENZA MICRODEVICES
STM-2116 SIRENZA-STM-2116 Datasheet
181Kb / 6P
   1800 - 2100 MHz High Linearity Active Transmit Mixer
logo
ATMEL Corporation
ATR0786 ATMEL-ATR0786 Datasheet
184Kb / 12P
   High Linearity Active Transmit Mixer for 1800 MHz to 2100 MHz
logo
List of Unclassifed Man...
STM-1116 ETC-STM-1116 Datasheet
180Kb / 6P
   800 - 1000 MHz High Linearity Active Transmit Mixer
logo
SIRENZA MICRODEVICES
STM-1116 SIRENZA-STM-1116 Datasheet
182Kb / 6P
   800 - 1000 MHz High Linearity Active Transmit Mixer
logo
Stanford Microdevices
STM-2016 STANFORD-STM-2016 Datasheet
134Kb / 7P
   1800 - 2200 MHz High Linearity Silicon Germanium Active Transmit Mixer
logo
SIRENZA MICRODEVICES
SRM-2016 SIRENZA-SRM-2016 Datasheet
374Kb / 9P
   1700 - 2300 MHz High Linearity Active Receive Mixer
SRM-1016 SIRENZA-SRM-1016 Datasheet
222Kb / 6P
   800 - 1000 MHz High Linearity Active Receive Mixer
logo
Linear Technology
LT5521 LINER-LT5521 Datasheet
269Kb / 16P
   Very High Linearity Active Mixer
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com