công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OPV280 bảng dữ liệu(PDF) 1 Page - OPTEK Technologies

tên linh kiện OPV280
Giải thích chi tiết về linh kiện  Vertical Cavity Surface Emitting Laser in Plastic Lateral Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OPTEK [OPTEK Technologies]
Trang chủ  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPV280 bảng dữ liệu(HTML) 1 Page - OPTEK Technologies

  OPV280 Datasheet HTML 1Page - OPTEK Technologies OPV280 Datasheet HTML 2Page - OPTEK Technologies OPV280 Datasheet HTML 3Page - OPTEK Technologies OPV280 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Optek Technology, Inc.
Carrollton, Texas 75006
(972) 323-2200
sensor@optekinc.com
www.optekinc.com
September 2003
Issue 2.2
Page 1 of 4
Vertical Cavity Surface
Emitting Laser in Plastic
Lateral Package
Description
The OPV280 is a high performance 850nm VCSEL pack-
aged for sensing applications. This product’s combina-
tion of features including high speed, high output power
and concentric beam makes it an ideal transmitter for
integration into all types of position sensing equipment.
Applications include:
Photoelectric Sensors
Light Curtains
Position Sensors
Encoders
Maximum Forward Peak Current
30 mA
Maximum Reverse Voltage
5 Volts
Storage Temperature
-40 to +125°C
Operating Temperature
-40 to +85°C
Soldering Lead Temperature
260°C for 10 Seconds
Absolute Maximum Ratings (TA = 25°C unless otherwise noted)
Features
850nm VCSEL Technology
High thermal stability
Low drive current/high output intensity
Narrow and concentric beam angle
Plastic Lateral Flat Lens Package
Additional laser safety information can be found
on the Optek website. See application #221.
Classification is not marked on the device due to
space limitations. See package outline for
centerline of optical radiance. Operating devices
beyond maximum rating may cause devices to
exceed rated classification


Số phần tương tự - OPV280

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TT Electronics.
OPV2800V TTELEC-OPV2800V Datasheet
619Kb / 3P
   Infrared Light Emitting VCSEL
More results

Mô tả tương tự - OPV280

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OPTEK Technologies
OPV382 OPTEK-OPV382 Datasheet
188Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
OPV380 OPTEK-OPV380 Datasheet
215Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
logo
TT Electronics.
OPV380 TTELEC-OPV380 Datasheet
762Kb / 4P
   Vertical Cavity Surface Emitting Laser in Lateral Package
OPV382 TTELEC-OPV382 Datasheet
679Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral Package
logo
OPTEK Technologies
OPV380 OPTEK-OPV380_14 Datasheet
182Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
OPV382 OPTEK-OPV382_14 Datasheet
163Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
logo
TT Electronics.
OPV322 TTELEC-OPV322 Datasheet
707Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral Pill Package
OPV330 TTELEC-OPV330 Datasheet
723Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral T-1 Package
OPV332 TTELEC-OPV332 Datasheet
707Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral T-1 Package
logo
OPTEK Technologies
OPV220 OPTEK-OPV220 Datasheet
232Kb / 4P
   Vertical Cavity Surface Emitting Laser in Pill Package
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com