công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6505MAX bảng dữ liệu(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LMH6505MAX
Giải thích chi tiết về linh kiện  Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6505MAX bảng dữ liệu(HTML) 3 Page - National Semiconductor (TI)

  LMH6505MAX Datasheet HTML 1Page - National Semiconductor (TI) LMH6505MAX Datasheet HTML 2Page - National Semiconductor (TI) LMH6505MAX Datasheet HTML 3Page - National Semiconductor (TI) LMH6505MAX Datasheet HTML 4Page - National Semiconductor (TI) LMH6505MAX Datasheet HTML 5Page - National Semiconductor (TI) LMH6505MAX Datasheet HTML 6Page - National Semiconductor (TI) LMH6505MAX Datasheet HTML 7Page - National Semiconductor (TI) LMH6505MAX Datasheet HTML 8Page - National Semiconductor (TI) LMH6505MAX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Electrical Characteristics(Note 2) (Continued)
Unless otherwise specified, all limits are guaranteed for T
J = 25˚C, VS = ±5V, AVMAX = 9.4 V/V, RF =1k
Ω,R
G = 100
Ω,V
IN =
±0.1V, R
L = 100
Ω,V
G = +2V. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 6)
Max
(Note 6)
Units
V
IN NL
Input Voltage Range
R
G Open
±3
V
V
IN LRG = 100
±0.60
±0.50
±0.74
I
RG_MAX
R
G Current
Pin 3
±6.0
±5.0
±7.4
mA
I
BIAS
Bias Current
Pin 2 (Note 7)
−0.6
−2.5
−2.6
µA
TC I
BIAS
Bias Current Drift
Pin 2 (Note 8)
–190
pA/˚C
R
IN
Input Resistance
Pin 2
7
M
C
IN
Input Capacitance
Pin 2
2.8
pF
I
VG
V
G Bias Current
Pin 1, V
G = 2V (Note 7)
0.9
µA
TC I
VG
V
G Bias Drift
Pin 1 (Note 8)
10
pA/˚C
R
VG
V
G Input Resistance
Pin 1
25
M
C
VG
V
G Input Capacitance
Pin 1
2.8
pF
V
OUT L
Output Voltage Range
R
L = 100
±2.1
±1.9
±2.4
V
V
OUT NL
R
L = Open
±3.1
R
OUT
Output Impedance
DC
0.12
I
OUT
Output Current
V
OUT = ±4V from Rails
±60
±40
±80
mA
V
O
OFFSET
Output Offset Voltage
0V < V
G < 2V
±10
±55
±70
mV
+PSRR
+Power Supply Rejection Ratio
(Note 9)
Input Referred, 1V change,
V
G = 2.2V
–65
–72
dB
−PSRR
−Power Supply Rejection Ratio
(Note 9)
Input Referred, 1V change,
V
G = 2.2V
–65
–75
dB
I
S
Supply Current
No Load
9.5
7.5
11
14
16
mA
www.national.com
3


Số phần tương tự - LMH6505MAX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
LMH6505MAX INTERSIL-LMH6505MAX Datasheet
715Kb / 18P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
Texas Instruments
LMH6505MAX/NOPB TI1-LMH6505MAX/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
More results

Mô tả tương tự - LMH6505MAX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH6502 NSC-LMH6502 Datasheet
941Kb / 19P
   Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
logo
Intersil Corporation
LMH6505 INTERSIL-LMH6505 Datasheet
715Kb / 18P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
Texas Instruments
LMH6502 TI-LMH6502_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
LMH6505 TI1-LMH6505 Datasheet
1Mb / 30P
[Old version datasheet]   LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6503 NSC-LMH6503 Datasheet
1,009Kb / 20P
   Wideband, Low Power, Linear Variable Gain Amplifier
logo
Texas Instruments
VCA820IDGSRG4 TI-VCA820IDGSRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, > 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSR TI-VCA820IDGSR Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821 TI1-VCA821_12 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821IDGSRG4 TI1-VCA821IDGSRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
LMH6503MAX TI-LMH6503MAX Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com