công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NBSG14MNR2 bảng dữ liệu(PDF) 5 Page - ON Semiconductor

tên linh kiện NBSG14MNR2
Giải thích chi tiết về linh kiện  2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG14MNR2 bảng dữ liệu(HTML) 5 Page - ON Semiconductor

  NBSG14MNR2 Datasheet HTML 1Page - ON Semiconductor NBSG14MNR2 Datasheet HTML 2Page - ON Semiconductor NBSG14MNR2 Datasheet HTML 3Page - ON Semiconductor NBSG14MNR2 Datasheet HTML 4Page - ON Semiconductor NBSG14MNR2 Datasheet HTML 5Page - ON Semiconductor NBSG14MNR2 Datasheet HTML 6Page - ON Semiconductor NBSG14MNR2 Datasheet HTML 7Page - ON Semiconductor NBSG14MNR2 Datasheet HTML 8Page - ON Semiconductor NBSG14MNR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NBSG14
http://onsemi.com
5
Table 5. DC CHARACTERISTICS, INPUT WITH RSPECL OUTPUT VCC = 2.5 V; VEE = 0 V (Note 5)
−40
°C
25
°C
70
°C(BGA)/85°C(QFN)**
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Negative Power Supply Current
45
60
75
45
60
75
45
60
75
mA
VOH
Output HIGH Voltage (Note 6)
1525
1575
1625
1550
1610
1650
1575
1635
1675
mV
VOUTPP
Output Amplitude Voltage
315
405
495
315
405
495
315
405
495
mV
VIH
Input HIGH Voltage (Single−Ended)
(Notes 8 and 10)
VCC
1435
VCC
1000*
VCC
VCC
1435
VCC
1000*
VCC
VCC
1435
VCC
1000*
VCC
mV
VIL
Input LOW Voltage (Single−Ended)
(Notes 9 and 10)
VIH
2500
VCC
1400*
VIH
150
VIH
2500
VCC
1400*
VIH
150
VIH
2500
VCC
1400*
VIH
150
mV
VTHR
Input Threshold Voltage
(Single−Ended) (Note 10)
VEE +
1125
VCC
75
VEE +
1125
VCC
75
VEE +
1125
VCC
75
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 7)
1.2
2.5
1.2
2.5
1.2
2.5
V
RTIN
Internal Input Termination Resistor
45
50
55
45
50
55
45
50
55
W
IIH
Input HIGH Current (@ VIH)
80
150
80
150
80
150
mA
IIL
Input LOW Current (@ VIL)
25
100
25
100
25
100
mA
NOTE: SiGe circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained.
5. Input and output parameters vary 1:1 with VCC. VEE can vary +0.125 V to −0.5 V.
6. All outputs loaded with 50
W to VCC − 1.5 V for BGA package and VCC − 2 V for QFN package. VOH/VOL measured at VIH/VIL (Typical).
7. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
8. VIH cannot exceed VCC. |VIH − VTHR| < 2600 mV.
9. VIL always ≥ VEE. |VIL − VTHR| < 2600 mV.
10. VTHR is the voltage applied to one input when running in single−ended mode.
*Typicals used for testing purposes.
**The device packaged in FCBGA−16 have maximum temperature specification of 70
°C and devices packaged in QFN−16 have maximum
temperature specification of 85
°C.
Table 6. DC CHARACTERISTICS, INPUT WITH RSPECL OUTPUT VCC = 3.3 V; VEE = 0 V (Note 11)
−40
°C
25
°C
70
°C(BGA)/85°C(QFN)**
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Negative Power Supply Current
45
60
75
45
60
75
45
60
75
mA
VOH
Output HIGH Voltage (Note 12)
2325
2375
2425
2350
2410
2450
2375
2435
2475
mV
VOUTPP
Output Amplitude Voltage
350
440
530
350
440
530
350
440
530
mV
VIH
Input HIGH Voltage (Single−Ended)
(Notes 14 and 16)
VCC
1435
VCC
1000*
VCC
VCC
1435
VCC
1000*
VCC
VCC
1435
VCC
1000*
VCC
mV
VIL
Input LOW Voltage (Single−Ended)
(Notes 15 and 16)
VIH
2500
VCC
1400*
VIH
150
VIH
2500
VCC
1400*
VIH
150
VIH
2500
VCC
1400*
VIH
150
mV
VTHR
Input Threshold Voltage
(Single−Ended) (Note 16)
VEE +
1125
VCC
75
VEE +
1125
VCC
75
VEE +
1125
VCC
75
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 13)
1.2
3.3
1.2
3.3
1.2
3.3
V
RTIN
Internal Input Termination Resistor
45
50
55
45
50
55
45
50
55
W
IIH
Input HIGH Current (@ VIH)
80
150
80
150
80
150
mA
IIL
Input LOW Current (@ VIL)
25
100
25
100
25
100
mA
NOTE: SiGe Circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained.
11. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to −0.165 V.
12. All outputs loaded with 50
W to VCC − 1.5 V for BGA package and VCC − 2 V for QFN package. VOH/VOL measured at VIH/VIL (Typical).
13. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
14. VIH cannot exceed VCC. |VIH − VTHR| < 2600 mV.
15. VIL always ≥ VEE. |VIL − VTHR| < 2600 mV.
16. VTHR is the voltage applied to one input when running in single−ended mode.
*Typicals used for testing purposes.
**The device packaged in FCBGA−16 have maximum temperature specification of 70
°C and devices packaged in QFN−16 have maximum
temperature specification of 85
°C.


Số phần tương tự - NBSG14MNR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NBSG14MNR2 ONSEMI-NBSG14MNR2 Datasheet
390Kb / 13P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
July, 2006 ??Rev. 9
NBSG14MNR2G ONSEMI-NBSG14MNR2G Datasheet
390Kb / 13P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
July, 2006 ??Rev. 9
NBSG14MNR2G ONSEMI-NBSG14MNR2G Datasheet
397Kb / 12P
   SiGe Differential 1:4 Clock/Data Driver
June, 2014 ??Rev. 17
More results

Mô tả tương tự - NBSG14MNR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NBSG14 ONSEMI-NBSG14_06 Datasheet
390Kb / 13P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
July, 2006 ??Rev. 9
NBSG111 ONSEMI-NBSG111 Datasheet
174Kb / 11P
   2.5V/3.3V SiGe Differential 1:10 Clock/Data Driver with RSECL Outputs
January, 2007 ??Rev. 8
NBSG11 ONSEMI-NBSG11 Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
NBSG11 ONSEMI-NBSG11_06 Datasheet
117Kb / 12P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL Outputs
July, 2006 ??Rev. 8
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NBSG14 ONSEMI-NBSG14_14 Datasheet
397Kb / 12P
   SiGe Differential 1:4 Clock/Data Driver
June, 2014 ??Rev. 17
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NB7VQ58M ONSEMI-NB7VQ58M Datasheet
1Mb / 9P
   1.8V / 2.5V / 3.3V Differential 2:1 Clock/Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
NB7L111M ONSEMI-NB7L111M Datasheet
256Kb / 13P
   2.5V / 3.3V, 6.125Gb/s 1:10 Differential Clock/Data Driver with CML Output
January, 2006 ??Rev. 1
NB7L14M ONSEMI-NB7L14M Datasheet
230Kb / 11P
   2.5V/3.3VDifferential 1:4 Clock/Data Fanout Buffer/Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com