công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STB140NF55T4 bảng dữ liệu(PDF) 3 Page - STMicroelectronics |
|
STB140NF55T4 bảng dữ liệu(HTML) 3 Page - STMicroelectronics |
3 / 11 page 3/11 STB140NF55 STP140NF55 Table 8: SWITCHING ON Table 9: SWITCHING OFF Table 10: SOURCE DRAIN DIODE (*)Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %. ( •)Pulse width limited by safe operating area. Symbol Parameter Test Conditions Min. Typ. Max. Unit td(on) tr Turn-on Delay Time Rise Time VDD = 27.5 V ID = 40 A RG =4.7 Ω VGS = 10 V (Resistive Load, Figure 3) 30 150 ns ns Qg Qgs Qgd Total Gate Charge Gate-Source Charge Gate-Drain Charge VDD= 44V ID= 80A VGS= 10V 142 27 55 nC nC nC Symbol Parameter Test Conditions Min. Typ. Max. Unit td(off) tf Turn-off Delay Time Fall Time VDD = 27.5 V ID = 40 A RG =4.7 Ω VGS = 10 V (Resistive Load, Figure 3) 125 45 ns ns Symbol Parameter Test Conditions Min. Typ. Max. Unit ISD ISDM (•) Source-drain Current Source-drain Current (pulsed) 80 320 A A VSD (*) Forward On Voltage ISD = 80 A VGS = 0 1.5 V trr Qrr IRRM Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD = 80 A di/dt = 100A/µs VDD = 20 V Tj = 150°C (see test circuit, Figure 5) 90 275 6.5 ns µC A ELECTRICAL CHARACTERISTICS (continued) Figure 4: Thermal Impedance Figure 3: Safe Operating Area |
Số phần tương tự - STB140NF55T4 |
|
Mô tả tương tự - STB140NF55T4 |