công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA9952HL bảng dữ liệu(PDF) 10 Page - NXP Semiconductors

tên linh kiện TDA9952HL
Giải thích chi tiết về linh kiện  10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9952HL bảng dữ liệu(HTML) 10 Page - NXP Semiconductors

Back Button TDA9952HL Datasheet HTML 6Page - NXP Semiconductors TDA9952HL Datasheet HTML 7Page - NXP Semiconductors TDA9952HL Datasheet HTML 8Page - NXP Semiconductors TDA9952HL Datasheet HTML 9Page - NXP Semiconductors TDA9952HL Datasheet HTML 10Page - NXP Semiconductors TDA9952HL Datasheet HTML 11Page - NXP Semiconductors TDA9952HL Datasheet HTML 12Page - NXP Semiconductors TDA9952HL Datasheet HTML 13Page - NXP Semiconductors TDA9952HL Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
2002 Aug 21
10
Philips Semiconductors
Preliminary specification
10-bit, 3.0 V, 25 Msps analog-to-digital
interface for CCD cameras
TDA9952
Note
1. Noise figure includes the internal input buffer circuit.
Ntot(rms)
total noise from CDS input
to ADC output
(RMS value)
Fig.8; note 1
PGA code = 00
0.4
LSB
PGA code = 96
0.6
LSB
Ein(rms)
equivalent input noise
voltage (RMS value)
PGA code = 383
145
−µV
PGA code = 96
170
−µV
Digital-to-Analog Converter (OFD DAC)
VOFDOUT(p-p) output voltage
(peak-to-peak value)
RL =1MΩ−
1.0
V
VOFDOUT(0)
DC output voltage for
code 0
Fig.5
VAGND
V
VOFDOUT(255) DC output voltage for
code 255
Fig.5
VAGND + 1.0 −
V
TCDAC
DAC output temperature
coefficient
250
ppm/K
ZOFDOUT
DAC output impedance
2000
−Ω
IOFDOUT
DAC output current drive
static
−−
100
µA
Digital outputs fpix = 25 MHz; CL = 10 pF; see Figs 3 and 4
VOH
HIGH-level output voltage
IOH = −1mA
VCCO − 0.5
VCCO
V
VOL
LOW-level output voltage
IOL = 1 mA
0
0.5
V
IOZ
output current in 3-state
mode
0.5 V < Vo <VCCO
−20
+20
µA
th(o)
output hold time
5
−−
ns
td(o)
output delay time
VCCO = 3.6 V; VCCD = 3.6 V −
10
13
ns
VCCO = 2.5 V; VCCD = 3.0 V −
12
15
ns
VCCO = 2.2 V; VCCD = 2.7 V −
13
16
ns
CL
output load capacitance
−−
20
pF
Serial interface
fSCLK(max)
maximum clock frequency
of serial interface
10
−−
MHz
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Số phần tương tự - TDA9952HL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA9950 NXP-TDA9950 Datasheet
425Kb / 22P
   CEC/I2C-bus translator
Rev. 02-22 October 2009
TDA9950TT NXP-TDA9950TT Datasheet
425Kb / 22P
   CEC/I2C-bus translator
Rev. 02-22 October 2009
TDA9951 PHILIPS-TDA9951 Datasheet
199Kb / 41P
   CEC/I2C-bus translator
Rev. 01-7 August 2008
TDA9955HL NXP-TDA9955HL Datasheet
236Kb / 52P
   Triple 8-bit analog-to-digital video converter for HDTV
Rev. 01-17 March 2008
More results

Mô tả tương tự - TDA9952HL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA8787A PHILIPS-TDA8787A Datasheet
114Kb / 24P
   10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
2000 Nov 14
TDA8787 PHILIPS-TDA8787 Datasheet
106Kb / 20P
   10-bit, 3.0 V analog-to-digital interface for CCD cameras
1998 Oct 15
TDA9964 PHILIPS-TDA9964 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
2000 May 02
TDA9962 PHILIPS-TDA9962 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 20 Msps analog-to-digital interface for CCD cameras
2000 May 01
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8784 PHILIPS-TDA8784 Datasheet
112Kb / 28P
   18 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Sep 21
TDA8783HLBE-T NXP-TDA8783HLBE-T Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
TDA8786 PHILIPS-TDA8786 Datasheet
186Kb / 28P
   10-bit analog-to-digital interface for CCD cameras
1997 Nov 17
TDA9965A PHILIPS-TDA9965A Datasheet
136Kb / 22P
   12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9965 PHILIPS-TDA9965 Datasheet
137Kb / 22P
   12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com