công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SF2921-61506-1S bảng dữ liệu(PDF) 1 Page - Amphenol Corporation

tên linh kiện SF2921-61506-1S
Giải thích chi tiết về linh kiện  N/A SMA FEMALE 2 HOLE FLANGE MOUNT W/ SPRING PIN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOL [Amphenol Corporation]
Trang chủ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

SF2921-61506-1S bảng dữ liệu(HTML) 1 Page - Amphenol Corporation

  SF2921-61506-1S Datasheet HTML 1Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
-
DCN 47331
04/18
JMS
APPROVED:
CHECKED:
DRAWN:
JMS 04/04/18
JMS 04/04/18
VB 04/04/18
ROHS COMPLIANT
.222 5.64
.282 7.16
.400 10.16
.378 9.60
.065 1.65
.014±.001 0.36±0.03
1/4-36 UNS-2A
SPRING PIN
.053 1.35
2X 0-80 UNF-2B THRU
MATERIAL:
BODY:
STAINLESS STEEL PER AMS-5640,
ALLOY UNS S30300, TYPE 1;
OR ASTM A582 TYPE 303, COND. A
CONTACTS:
BERYLLIUM COPPER PER ASTM B196,
ALLOY No. UNS C17300, TD04
INSULATOR:
PTFE PER ASTM D1710, TYPE I, GRADE 1, CLASS B
FINISH:
BODY:
PASSIVATED PER AMS-2700
CONTACTS:
GOLD PER ASTM B488, TYPE II,
CODE C, CLASS 1.27, OVER NICKEL
PER AMS-QQ-N-290, CLASS 1, .00005" MIN.
PERFORMANCE:
IMPEDANCE:
50 OHMS
FREQ. RANGE:
DC TO 18 GHz.
PRODUCT DATA DRAWING
NOTES:
1.
FOR RECOMMENDED FOOTPRINT FOR YOUR PCB, CONTACT SV MICROWAVE
SALES DEPARTMEMT (sales@svmicro.com, 561-840-1800).
SV P/N
DESCRIPTION
PCB THICKNESS
SF2921-61506-1S
INCL. TWO .188 SCREWS
.028 TO .123
APPROVED
DATE
REVISION HISTORY
DESCRIPTION
REV
THIRD ANGLE PROJECTION
1) ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]
2) ALL DIMENSIONS ARE AFTER PLATING.
3) BREAK CORNERS & EDGES .005 R. MAX.
4) CHAM. 1ST & LAST THREADS.
5) SURFACE ROUGHNESS 63e MIL-STD-10.
6) DIA.’S ON COMMON CENTERS TO BE CONCENTRIC
WITHIN .005 T.I.R.
7) REMOVE ALL BURRS
UNLESS OTHERWISE SPECIFIED
SF2921-61506-1S
95077
CAGE CODE
2400 Centrepark West Drive, Suite 100
West Palm Beach, FL 33409
TITLE:
PROPRIETARY
THE INFORMATION CONTAINED IN THIS DRAWING
IS THE SOLE PROPERTY OF SV MICROWAVE, INC.
ANY REPRODUCTION IN PART OR AS A WHOLE
WITHOUT THE WRITTEN PERMISSION OF
SV MICROWAVE, INC IS PROHIBITED.
SURFACE AREA:
SHEET 1 OF 1
DIMENSIONS ARE IN INCHES TOLERANCES:
FRACTIONAL:
1/64
ANGULAR: X
1 0'
X X' 15'
DECIMAL: .X
.030
.XX
.010
.XXX .005
INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M - 1994
FINISH:
MATERIAL:
B
DWG. NO.
SIZE
SCALE: 10:1
SEE NOTES
SEE NOTES
N/A
SMA FEMALE 2 HOLE FLANGE
MOUNT W/ SPRING PIN


Số phần tương tự - SF2921-61506-1S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Amphenol SV Microwave
SF2921-61506-1S SVMICROWAVE-SF2921-61506-1S Datasheet
512Kb / 1P
   SMA FEMALE 2 HOLE FLANGE MOUNT W/ SPRING PIN
04/18
More results

Mô tả tương tự - SF2921-61506-1S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Amphenol Corporation
SF2921-61507 AMPHENOL-SF2921-61507 Datasheet
88Kb / 1P
   SMA FEMALE 2 HOLE FLANGE MOUNT W/ SPRING PIN
SF2921-61507-1S AMPHENOL-SF2921-61507-1S Datasheet
88Kb / 1P
   SMA FEMALE 2 HOLE FLANGE MOUNT W/ SPRING PIN
logo
Amphenol SV Microwave
SF2921-61507 SVMICROWAVE-SF2921-61507 Datasheet
510Kb / 1P
   SMA FEMALE 2 HOLE FLANGE MOUNT W/ SPRING PIN
04/18
SF2921-61506 SVMICROWAVE-SF2921-61506 Datasheet
511Kb / 1P
   SMA FEMALE 2 HOLE FLANGE MOUNT W/ SPRING PIN
04/18
SF2921-61506-1S SVMICROWAVE-SF2921-61506-1S Datasheet
512Kb / 1P
   SMA FEMALE 2 HOLE FLANGE MOUNT W/ SPRING PIN
04/18
logo
Amphenol Corporation
SF2921-61506 AMPHENOL-SF2921-61506 Datasheet
88Kb / 1P
   SMA FEMALE 2 HOLE FLANGE MOUNT W/ SPRING PIN
2921-40049-XS AMPHENOL-2921-40049-XS Datasheet
104Kb / 1P
   SMA FEMALE 2 HOLE FLANGE MOUNT W/ SPRING PIN FOR STRIPLINE
logo
Amphenol SV Microwave
2921-40049-XS SVMICROWAVE-2921-40049-XS Datasheet
526Kb / 1P
   SMA FEMALE 2 HOLE FLANGE MOUNT W/ SPRING PIN FOR STRIPLINE
05/20
SF1621-60049-1S SVMICROWAVE-SF1621-60049-1S Datasheet
512Kb / 1P
   2.4mm FEMALE 2 HOLE FLANGE MOUNT W/ SPRING PIN
04/18
logo
Amphenol Corporation
SF1621-60049-XS AMPHENOL-SF1621-60049-XS Datasheet
89Kb / 1P
   2.4mm FEMALE 2 HOLE FLANGE MOUNT W/ SPRING PIN
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com