công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼

Delete All
ON OFF
ALLDATASHEET.VN

X  

Preview PDF Download HTML

STP3NK60Z bảng dữ liệu(PDF) 1 Page - VBsemi Electronics Co.,Ltd

tên linh kiện STP3NK60Z
Giải thích chi tiết về linh kiện  N-Channel 650 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VBSEMI [VBsemi Electronics Co.,Ltd]
Trang chủ  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

STP3NK60Z bảng dữ liệu(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  STP3NK60Z Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd STP3NK60Z Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd STP3NK60Z Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd STP3NK60Z Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd STP3NK60Z Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd STP3NK60Z Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd STP3NK60Z Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd STP3NK60Z Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd STP3NK60Z Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
• Low Gate Charge Qg Results in Simple Drive
Requirement
• Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
• Fully Characterized Capacitance and Avalanche Voltage
and Current
• Compliant to RoHS directive 2002/95/EC
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Starting TJ = 25 °C, L = 24 mH, RG = 25 Ω, IAS = 3.2 A (see fig. 12).
c. ISD ≤ 3.2 A, dI/dt ≤ 90 A/µs, VDD ≤ VDS, TJ ≤ 150 °C.
d. 1.6 mm from case.
e. Drain current limited by maximum junction temperature.
PRODUCT SUMMARY
VDS (V)
650
RDS(on) (Ω)VGS = 10 V
1.7
Qg (Max.) (nC)
48
Qgs (nC)
12
Qgd (nC)
19
Configuration
Single
Available
RoHS
COMPLIANT
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
650
V
Gate-Source Voltage
VGS
± 30
Continuous Drain Currente
VGS at 10 V
TC = 25 °C
ID
A
Continuous Drain Current
TC = 100 °C
4.2
Pulsed Drain Currenta
IDM
18
Linear Derating Factor
0.48
W/°C
Single Pulse Avalanche Energyb
EAS
325
mJ
Repetitive Avalanche Currenta
IAR
4
A
Repetitive Avalanche Energya
EAR
6mJ
Maximum Power Dissipation
TC = 25 °C
PD
60
W
Peak Diode Recovery dV/dtc
dV/dt
2.8
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)d
for 10 s
300
Mounting Torque
6-32 or M3 screw
10
lbf · in
1.1
N · m
S
N-Channel MOSFET
G
D
TO-220AB
Top View
GD S
4.5
N-Channel
650 V (D-S)MOSFET
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
STP3NK60Z
1


Html Pages

1  2  3  4  5  6  7  8  9 


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn