công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STN4920 bảng dữ liệu(PDF) 1 Page - VBsemi Electronics Co.,Ltd

tên linh kiện STN4920
Giải thích chi tiết về linh kiện  Dual N-Channel 30 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VBSEMI [VBsemi Electronics Co.,Ltd]
Trang chủ  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

STN4920 bảng dữ liệu(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  STN4920 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd STN4920 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd STN4920 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd STN4920 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd STN4920 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd STN4920 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd STN4920 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd STN4920 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd STN4920 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Dual N-Channel 30 V (D-S) MOSFET
FEATURES
TrenchFETPower MOSFET
100 % Rg Tested
100 % UIS Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Notebook System Power
Low Current DC/DC
PRODUCT SUMMARY
VDS (V)
RDS(on) ()
ID (A)
a
Qg (Typ.)
30
0.016 at VGS = 10 V
8.5
7.1
0.020 at VGS = 4.5 V
7.6
S1
D1
G1
D1
S2
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
N-Channel MOSFET
G1
D1
S1
N-Channel MOSFET
G2
D2
S2
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under steady state conditions is 110 °C/W.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
8.5
A
TC = 70 °C
7.5
TA = 25 °C
7.2b, c
TA = 70 °C
5.9b, c
Pulsed Drain Current
IDM
30
Source-Drain Current Diode Current
TC = 25 °C
IS
2.8
TA = 25 °C
1.8b, c
Pulsed Source-Drain Current
ISM
30
Single Pulse Avalanche Current
L = 0.1 mH
IAS
10
Single Pulse Avalanche Energy
EAS
5
Maximum Power Dissipation
TC = 25 °C
PD
3.1
W
TC = 70 °C
2.0
TA = 25 °C
2.0b, c
TA = 70 °C
1.25b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typ.
Max.
Unit
Maximum Junction-to-Ambientb, d
t
 10 s
RthJA
52
62.5
°C/W
Maximum Junction-to-Foot (Drain)
Steady-State
RthJF
30
40
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
STN4920
1


Số phần tương tự - STN4920

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Stanson Technology
STN4920 STANSON-STN4920 Datasheet
487Kb / 7P
   Dual N Channel Enhancement Mode MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STN4920 DOINGTER-STN4920 Datasheet
1Mb / 5P
   Dual N-Channel MOSFET uses advanced trench technology
logo
Stanson Technology
STN4920S8RG STANSON-STN4920S8RG Datasheet
487Kb / 7P
   Dual N Channel Enhancement Mode MOSFET
STN4920S8TG STANSON-STN4920S8TG Datasheet
487Kb / 7P
   Dual N Channel Enhancement Mode MOSFET
More results

Mô tả tương tự - STN4920

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com