công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZH03B bảng dữ liệu(PDF) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

tên linh kiện ZH03B
Giải thích chi tiết về linh kiện  Laser Dust Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Trang chủ  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZH03B bảng dữ liệu(HTML) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ZH03B Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZH03B Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZH03B Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZH03B Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZH03B Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZH03B Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZH03B Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZH03B Datasheet HTML 8Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZH03B Datasheet HTML 9Page - Zhengzhou Winsen Electronics Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670
Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
ZH03B Laser Dust Sensor Module
Profile
Laser Dust sensor module is a common type,
small size sensor, using laser scattering principle
to detect the dust particles in air, with good
selectivity and stability. It is easy to use, with
serial port output & PWM output.
Features
Good consistency, Real time response
Accurate data, Low power consumption
Minus resolution of particle diameter 0.3 µm
Main Applications
It’s widely used in air purifiers, ventilation systems, portable instrument, air quality monitoring equipment,
air conditioner, and smart home equipment.
Technical Parameters
stable1.
Model
ZH03B
Detection diameter range
0.3~10μm
Valid range
0~1000μg/m3
Detection interval
1s
PM2.5 detection accuracy
0~100μg/m3 :±15μg/m3
101~1000μg/m3 :±15%reading
(test conditions: 25±2℃,50±
10%RH,TSI8530,ciggrates,GBT18801-2015 )
Stabilization time after power on
30s
Output
UART_TTL OUTPUT(3.3V level, default)
PWM output(3.3V level, default)
Working Voltage
4.9V~5.5V(DC)
Working Current
<120mA
Dormancy current
<20mA
Response Time
T9045s
Working Humidity
0~80%RH (no condensation)
Working Temperature
-10~50℃
Storage Temperature
-30~70℃
Dimension
50x32.4x21mm(LxWxH)
Weight
<38g
MTTF
Continuous without interruption>10000h


Số phần tương tự - ZH03B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Zhengzhou Winsen Electr...
ZH06 WINSEN-ZH06 Datasheet
339Kb / 8P
   Laser dust sensor
More results

Mô tả tương tự - ZH03B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Zhengzhou Winsen Electr...
ZH06 WINSEN-ZH06 Datasheet
339Kb / 8P
   Laser dust sensor
logo
Sensortechnics GmbH
LD65D6S-A SENSORTECHNICS-LD65D6S-A Datasheet
1Mb / 4P
   Laser Module
LD68I6S-A SENSORTECHNICS-LD68I6S-A Datasheet
893Kb / 4P
   Laser Module
LD68J6S-A SENSORTECHNICS-LD68J6S-A Datasheet
995Kb / 4P
   Laser Module
logo
Roithner LaserTechnik G...
QL65F6S-ABC ROITHNER-QL65F6S-ABC Datasheet
192Kb / 5P
   laser module
QL68I6S-ABC ROITHNER-QL68I6S-ABC Datasheet
250Kb / 3P
   laser module
QL65E7S-ABC ROITHNER-QL65E7S-ABC Datasheet
180Kb / 3P
   laser module
logo
NICHIA CORPORATION
NUV603E-E NICHIA-NUV603E-E Datasheet
232Kb / 3P
   Tunable Laser Module
logo
List of Unclassifed Man...
VLM-650001 ETC2-VLM-650001 Datasheet
73Kb / 1P
   Quarton Laser Module
HLDPM12-655 ETC1-HLDPM12-655 Datasheet
379Kb / 1P
   Laser Diode Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com