công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZE25-O3 bảng dữ liệu(PDF) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

tên linh kiện ZE25-O3
Giải thích chi tiết về linh kiện  Electrochemical Ozone Detection Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Trang chủ  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZE25-O3 bảng dữ liệu(HTML) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ZE25-O3 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZE25-O3 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZE25-O3 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZE25-O3 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZE25-O3 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZE25-O3 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Zhengzhou Winsen Electronics Technology Co.,Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670 Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
Pin definition
Table 2
PIN4
Vin (input 3.7V~5.5V)
Fig.2: Pin definition
PIN3
GND
PIN2
DAC (0.4-2.0V is corresponding to
0-10ppm)
PIN7
Reserved
PIN1
Reserved
PIN5
UART (RXD) 0~3.0V Data input
PIN6
UART (TXD) 0~3.0V Data output
Communication Protocol
1 General Settings
Table 3
Baud Rate
9600
Data Byte
8 bytes
Stop Byte
1 byte
check bits
Null
2 Communication Commands
There are two communication type: active upload type and Question & Answer type. The default type for this
module is active upload and it sends gas concentration every other second. If it is Q&A mode and you want to
switch it to active upload mode again, please send following command:
Command to switch Q&A mode to active upload mode:
Table 4
Byte0
Byte1
Byte2
Byte3
Byte4
Byte5
Byte6
Byte7
Byte8
Start Byte
Reserved
Switch
command
Active
upload
Reserved
Reserved
Reserved
Reserved
Checksum
0xFF
0x01
0x78
0x40
0x00
0x00
0x00
0x00
0x47
Data of active upload show as follow:
Table 5
Byte0
Byte1
Byte2
Byte3
Byte4
Byte5
Byte6
Byte7
Byte8
Start
Byte
Gas name
O3
unit
Number of
Digital 0
Concentration
High Byte
Concentration
Low Byte
Full scale
High Byte
Full scale
Low Byte
Checksum
0xFF
O3=0x2A
ppb=0x04
0x00
0x00
0x25
0x27
0x10
0x75
NOTE: Gas concentration(PPB)=(Concentration high byte*256+Concentration low byte). PPM=PPB/1000. When
users need Q&A mode, send the following command to turn off active upload mode, and then send command to
read concentration. The command to turn off active upload mode as follow:


Số phần tương tự - ZE25-O3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ZE20-SK01 ETC2-ZE20-SK01 Datasheet
359Kb / 2P
   ZigBee OEM module ProBee-ZE20S
ZE20-SK01 ETC-ZE20-SK01 Datasheet
509Kb / 2P
   Zigbe oem module
ZE20S ETC-ZE20S Datasheet
509Kb / 2P
   Zigbe oem module
ZE20SDC-00 ETC2-ZE20SDC-00 Datasheet
359Kb / 2P
   ZigBee OEM module ProBee-ZE20S
ZE20SDC-00 ETC-ZE20SDC-00 Datasheet
509Kb / 2P
   Zigbe oem module
More results

Mô tả tương tự - ZE25-O3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Zhengzhou Winsen Electr...
ZE14-O3 WINSEN-ZE14-O3 Datasheet
198Kb / 5P
   Electrochemical Ozone Detection Module
ZE27-O3 WINSEN-ZE27-O3 Datasheet
213Kb / 7P
   Electrochemical Ozone Detection Module
ZE12 WINSEN-ZE12 Datasheet
357Kb / 6P
   Electrochemical Gas Detection Module
ZE08-CH2O WINSEN-ZE08-CH2O Datasheet
550Kb / 6P
   Electrochemical CH2O Detection Module
ZE11 WINSEN-ZE11 Datasheet
537Kb / 6P
   Electrochemical Gas Detection Module
ZE03 WINSEN-ZE03 Datasheet
477Kb / 7P
   Electrochemical Gas Detection Module
ZE07-CH2O WINSEN-ZE07-CH2O Datasheet
598Kb / 6P
   Electrochemical CH2O Detection Module
ZE07-CO WINSEN-ZE07-CO Datasheet
447Kb / 6P
   Electrochemical CO Module
ME3-ETO WINSEN-ME3-ETO Datasheet
436Kb / 4P
   Electrochemical Sensor
ZQ02-O3 WINSEN-ZQ02-O3 Datasheet
757Kb / 7P
   Ozone
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com