công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼

Delete All
ON OFF
ALLDATASHEET.VN

X  

Preview PDF Download HTML

ESD05D6LV bảng dữ liệu(PDF) 1 Page - Rectron Semiconductor

tên linh kiện ESD05D6LV
Giải thích chi tiết về linh kiện  Low Capacitance Bidirectional ESD Protection Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RECTRON [Rectron Semiconductor]
Trang chủ  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

ESD05D6LV bảng dữ liệu(HTML) 1 Page - Rectron Semiconductor

  ESD05D6LV Datasheet HTML 1Page - Rectron Semiconductor ESD05D6LV Datasheet HTML 2Page - Rectron Semiconductor ESD05D6LV Datasheet HTML 3Page - Rectron Semiconductor ESD05D6LV Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The ESD05D6L is designed to protect voltage
sensitive components from ESD and transient
voltage events. Excellent clamping capability, low
leakage, and fast response time, make these parts
ideal for ESD protection on designs where board
space is at a premium. Because of its small size, it is
suited for use in cellular phones, portable devices,
digital cameras, power supplies and many other
portable applications where board space comes at a
premium. Also because of its low capacitance, it is
suited for use in high frequency designs such as
USB 2.0 high speed, VGA, DVI, SDI and other high
speed line applications.
This device has been specifically designed to protect
sensitive components which are connected to data
and transmission lines from overvoltage caused by
ESD (electrostatic discharge), and EFT (electrical
fast transients).
—IEC61000-4-2 (ESD) ±15kV (air), ±8kV
(contact)
—IEC61000-4-4 (EFT) 40A (5/50ηs)
—Peak power dissipation: 35W (8/20μs)
—Protects one directional I/O line
—Low clamping voltage
—Working voltages : 5V
—Low leakage current
—Low capacitance
—DFN0603 package
—Terminals: Gold plated, solderable per
MIL-STD-750, method 2026
—Packaging: Tape and Reel
—Reel size: 7 inch
— Device: ESD05D6L
—Package: DFN0603
—Marking: Y
—Material: Halogen free
—Packing: Tape & Reel
—Quantity per reel: 10,000pcs
—High Speed Line :USB1.0/2.0, VGA, DVI, SDI,
—Serial and Parallel Ports
—Notebooks, Desktops, Servers
—Projection TV
—Cellular handsets and accessories
—Portable instrumentation
—Peripherals
Low Capacitance Bidirectional ESD Protection Diode
DESCRIPTION
MACHANICAL DATA
ORDERING INFORMATION
CIRCUIT DIAGRAM
APPLICATIONS
PIN CONFIGURATION
FEATURES
— P/N suffix V means AEC-Q101 qualified,
e.g:ESD05D6LV
ESD05D6LV
2020-11/01
REV:O


Html Pages

1  2  3  4 


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn