công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VS-100BGQ03 bảng dữ liệu(PDF) 1 Page - Vishay Siliconix

tên linh kiện VS-100BGQ03
Giải thích chi tiết về linh kiện  High Performance Schottky Rectifier, 100 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-100BGQ03 bảng dữ liệu(HTML) 1 Page - Vishay Siliconix

  VS-100BGQ03 Datasheet HTML 1Page - Vishay Siliconix VS-100BGQ03 Datasheet HTML 2Page - Vishay Siliconix VS-100BGQ03 Datasheet HTML 3Page - Vishay Siliconix VS-100BGQ03 Datasheet HTML 4Page - Vishay Siliconix VS-100BGQ03 Datasheet HTML 5Page - Vishay Siliconix VS-100BGQ03 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VS-100BGQ030
www.vishay.com
Vishay Semiconductors
Revision: 12-Jun-15
1
Document Number: 94579
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Performance Schottky Rectifier, 100 A
FEATURES
• 150 °C max. operating junction temperature
• High frequency operation
• Ultralow forward voltage drop
• Continuous high current operation
• Guard ring for enhanced ruggedness and long
term reliability
• Screw mounting only
• Designed and qualified according to JEDEC®-JESD 47
• PowerTab® package
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
The VS-100BGQ030 Schottky rectifier has been optimized
for ultralow forward voltage drop specifically for low voltage
output in high current AC/DC power supplies.
The proprietary barrier technology allows for reliable
operation up to 150 °C junction temperature. Typical
applications are in switching power supplies, converters,
reverse
battery
protection,
and
redundant
power
subsystems.
PRODUCT SUMMARY
Package
PowerTab®
IF(AV)
100 A
VR
30 V
VF at IF
0.56 V
IRM
460 mA at 125 °C
TJ max.
150 °C
Diode variation
Single die
EAS
9 mJ
Cathode
Anode
PowerTab®
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
100
A
TC
106
°C
VRRM
30
V
IFSM
tp = 5 μs sine
4500
A
VF
100 Apk (typical)
0.49
V
TJ
150
°C
TJ
Range
-55 to +150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
100BGQ030
UNITS
Maximum DC reverse voltage
VR
30
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
50 % duty cycle at TC = 106 °C, rectangular waveform
100
A
Maximum peak one cycle
non-repetitive surge current
IFSM
5 μs sine or 3 μs rect. pulse
Following any rated load
condition and with rated
VRRM applied
4500
A
10 ms sine or 6 ms rect. pulse
850
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 8 A, L = 1.12 mH
36
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 1.5 x VR typical
8A


Số phần tương tự - VS-100BGQ03

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
VS-100BGQ030 VISHAY-VS-100BGQ030 Datasheet
135Kb / 8P
   Schottky Rectifier
Revision: 17-Jun-11
VS-100BGQ030HF4 VISHAY-VS-100BGQ030HF4 Datasheet
143Kb / 6P
   High Performance Schottky Rectifier, 100 A
Revision: 15-Jun-15
VS-100BGQ030HF4 VISHAY-VS-100BGQ030HF4 Datasheet
146Kb / 6P
   High Performance Schottky Rectifier, 100 A
01-Jan-2022
VS-100BGQ030HF4 VISHAY-VS-100BGQ030HF4 Datasheet
149Kb / 6P
   High Performance Schottky Rectifier, 100 A
01-Jan-2022
VS-100BGQ030HF4 VISHAY-VS-100BGQ030HF4_15 Datasheet
129Kb / 6P
   High Performance Schottky Rectifier, 100 A
Revision: 15-Jun-15
More results

Mô tả tương tự - VS-100BGQ03

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
VS-100BGQ04 VISHAY-VS-100BGQ04 Datasheet
141Kb / 7P
   High Performance Schottky Rectifier, 100 A
Revision: 15-Jun-15
VS-100BGQ04HF4 VISHAY-VS-100BGQ04HF4 Datasheet
145Kb / 7P
   High Performance Schottky Rectifier, 100 A
Revision: 16-Jun-15
VS-100BGQ030HF4 VISHAY-VS-100BGQ030HF4 Datasheet
143Kb / 6P
   High Performance Schottky Rectifier, 100 A
Revision: 15-Jun-15
VS-100BGQ015HF4 VISHAY-VS-100BGQ015HF4 Datasheet
147Kb / 7P
   High Performance Schottky Rectifier, 100 A
Revision: 12-Jun-15
VS-100BGQ045HF4 VISHAY-VS-100BGQ045HF4 Datasheet
146Kb / 7P
   High Performance Schottky Rectifier, 100 A
Revision: 16-Jun-15
VS-100BGQ10 VISHAY-VS-100BGQ10 Datasheet
156Kb / 6P
   High Performance Schottky Rectifier, 100 A
Revision: 16-Jan-2019
VS-100BGQ100 VISHAY-VS-100BGQ100_V01 Datasheet
160Kb / 6P
   High Performance Schottky Rectifier, 100 A
01-Jan-2022
VS-100BGQ100HF4 VISHAY-VS-100BGQ100HF4 Datasheet
154Kb / 6P
   High Performance Schottky Rectifier, 100 A
Revision: 25-Nov-16
VS-100BGQ015HF4 VISHAY-VS-100BGQ015HF4_15 Datasheet
128Kb / 6P
   High Performance Schottky Rectifier, 100 A
Revision: 12-Jun-15
VS-100BGQ030HF4 VISHAY-VS-100BGQ030HF4_15 Datasheet
129Kb / 6P
   High Performance Schottky Rectifier, 100 A
Revision: 15-Jun-15
VS-100BGQ01 VISHAY-VS-100BGQ01 Datasheet
142Kb / 7P
   High Performance Schottky Rectifier, 100 A
Revision: 12-Jun-15
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com