công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼

Delete All
ON OFF
ALLDATASHEET.VN

X  

Preview PDF Download HTML

ESD3Z3.3DV bảng dữ liệu(PDF) 1 Page - Rectron Semiconductor

tên linh kiện ESD3Z3.3DV
Giải thích chi tiết về linh kiện  Ultra Low Capacitance ESD Protection Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RECTRON [Rectron Semiconductor]
Trang chủ  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

ESD3Z3.3DV bảng dữ liệu(HTML) 1 Page - Rectron Semiconductor

  ESD3Z3.3DV Datasheet HTML 1Page - Rectron Semiconductor ESD3Z3.3DV Datasheet HTML 2Page - Rectron Semiconductor ESD3Z3.3DV Datasheet HTML 3Page - Rectron Semiconductor ESD3Z3.3DV Datasheet HTML 4Page - Rectron Semiconductor ESD3Z3.3DV Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ESD3Z3.3D is a low-capacitance Transient
Voltage Suppressor (TVS) designed to provide
electrostatic
discharge
(ESD)
protection
for
high-speed
data
interfaces.
With
typical
capacitance of 0.4pF, ESD3Z3.3D is designed to
protect
parasitic-sensitive
systems
against
over-voltage and over-current transient events. It
complies with IEC 61000-4-2 (ESD), Level 4
(±15kV
air,
±8kV
contact
discharge),
IEC
61000-4-4 (electrical fast transient - EFT) (40A,
5/50 ns), very fast charged device model (CDM)
ESD and cable discharge event (CDE), etc.
ESD3Z3.3D uses ultra-small SOD-323 package.
Each ESD3Z3.3D device can protect one
high-speed data line. It offers system designers
flexibility to protect single data line where space is
a premium concern. The combined features of low
capacitance,
ultra-small
size
and
high
ESD
robustness make ESD3Z3.3D ideal for
high-speed data port and high-frequency line (e.g.,
USB 2.0 & antenna line) applications, such as
cellular phones and HD visual devices.
—Transient protection for high-speed data lines
IEC 61000-4-2 (ESD)
±15kV (Air)
±8kV (Contact)
IEC 61000-4-4 (EFT) 40A (5/50 ns)
Cable Discharge Event (CDE)
—Package optimized for high-speed lines
—Ultra-small package
—Protects one data, control line
—Low capacitance: 0.4pF (Typical)
—Low leakage current
—Low clamping voltage
— SOD-323 package
—Flammability Rating: UL 94V-0
—Packaging: Tape and Reel
—High temperature soldering guaranteed:260 /10s
—Reel size: 7 inch
— Device: ESD3Z3.3D
—Package: SOD-323
—Marking: 3L
—Material: Halogen free
—Packing: Tape & Reel
—Quantity per reel: 3,000pcs
—Serial ATA
—Desktops, Servers and Notebooks
—Cellular Phones
—HDMI Data Line Protection
—USB3.0/3.1 Data Line Protection
—Display Ports
—Digital Visual Interfaces (DVI)
1
2
1
2
ESD3Z3.3DV
Ultra Low Capacitance ESD Protection Diode
DESCRIPTION
MACHANICAL DATA
ORDERING INFORMATION
APPLICATIONS
PIN CONFIGURATION
PACKAGE OUTLINE
FEATURES
—P/N suffix V means AEC-Q101 qualified,
e.g:ESD3Z3.3DV
2020-11/01
REV:O


Html Pages

1  2  3  4  5 


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn