công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GT30J110SRA bảng dữ liệu(PDF) 2 Page - Toshiba Semiconductor

tên linh kiện GT30J110SRA
Giải thích chi tiết về linh kiện  Discrete IGBTs Silicon N-Channel IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

GT30J110SRA bảng dữ liệu(HTML) 2 Page - Toshiba Semiconductor

  GT30J110SRA Datasheet HTML 1Page - Toshiba Semiconductor GT30J110SRA Datasheet HTML 2Page - Toshiba Semiconductor GT30J110SRA Datasheet HTML 3Page - Toshiba Semiconductor GT30J110SRA Datasheet HTML 4Page - Toshiba Semiconductor GT30J110SRA Datasheet HTML 5Page - Toshiba Semiconductor GT30J110SRA Datasheet HTML 6Page - Toshiba Semiconductor GT30J110SRA Datasheet HTML 7Page - Toshiba Semiconductor GT30J110SRA Datasheet HTML 8Page - Toshiba Semiconductor GT30J110SRA Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
GT30J110SRA
2
4. Absolute Maximum Ratings (Note) (Ta = 25 �, unless otherwise specified)
Characteristics
Collector-emitter voltage
Gate-emitter voltage
Collector current (DC)
Collector current (DC)
Collector current (1 ms)
Non-repetitive peak collector current
Diode forward current (DC)
Diode forward current (DC)
Diode forward current (100 µs)
Collector power dissipation
Junction temperature
Storage temperature
Mounting torque
(Tc = 25 �)
(Tc = 100 �)
(Tc = 25 �)
(Tc = 100 �)
(Tc = 25 �)
(Note 1)
Symbol
VCES
VGES
IC
ICP
ICSM
IF
IFP
PC
Tj
Tstg
TOR
Rating
1100
±25
60
30
120
250
60
30
120
312
175
-55 to 175
0.8
Unit
V
V
A
A
A
A
A
W
N�m
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
In general, loss of IGBT increases more when it has positive temperature coefficient and gets higher
temperature.
In case that the temperature rise due to loss of IGBT exceeds the heat release capacity of a device, it leads
to thermorunaway and results in destruction.
Therefore, please design heat release of a device with due consideration to the temperature rise of IGBT.
Note 1: The maximum value of the capacitor charging current limited on Tj < 175 � and t < 4 µs
5. Thermal Characteristics
Characteristics
Junction-to-case thermal resistance
Symbol
Rth(j-c)
Max
0.48
Unit
�/W
2021-02-24
Rev.3.0
©2020-2021
Toshiba Electronic Devices & Storage Corporation


Số phần tương tự - GT30J110SRA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
GT30J101 TOSHIBA-GT30J101 Datasheet
291Kb / 6P
   Silicon N Channel IGBT
GT30J101 TOSHIBA-GT30J101 Datasheet
193Kb / 6P
   Silicon N Channel IGBT High Power Switching Applications
GT30J101 TOSHIBA-GT30J101 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
GT30J101 TOSHIBA-GT30J101_06 Datasheet
193Kb / 6P
   Silicon N Channel IGBT High Power Switching Applications
GT30J121 TOSHIBA-GT30J121 Datasheet
294Kb / 6P
   TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
More results

Mô tả tương tự - GT30J110SRA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
GT30J341 TOSHIBA-GT30J341 Datasheet
301Kb / 10P
   Discrete IGBTs Silicon N-Channel IGBT
GT50J341 TOSHIBA-GT50J341 Datasheet
250Kb / 9P
   Discrete IGBTs Silicon N-Channel IGBT
GT60PR21 TOSHIBA-GT60PR21 Datasheet
224Kb / 7P
   Discrete IGBTs Silicon N-Channel IGBT
GT20J341 TOSHIBA-GT20J341 Datasheet
251Kb / 10P
   Discrete IGBTs Silicon N-Channel IGBT
GT40RR21 TOSHIBA-GT40RR21 Datasheet
226Kb / 9P
   Discrete IGBTs Silicon N-Channel IGBT
GT50MR21 TOSHIBA-GT50MR21 Datasheet
219Kb / 8P
   Discrete IGBTs Silicon N-Channel IGBT
GT20J121 TOSHIBA-GT20J121 Datasheet
195Kb / 7P
   Discrete IGBTs Silicon N-Channel IGBT
GT40WR21 TOSHIBA-GT40WR21 Datasheet
131Kb / 5P
   Discrete IGBTs Silicon N-Channel IGBT
GT20N135SRA TOSHIBA-GT20N135SRA Datasheet
649Kb / 10P
   Discrete IGBTs Silicon N-Channel IGBT
GT50JR21 TOSHIBA-GT50JR21 Datasheet
207Kb / 7P
   Discrete IGBTs Silicon N-Channel IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com