công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IZD1520AA bảng dữ liệu(PDF) 1 Page - Integral Corp.

tên linh kiện IZD1520AA
Giải thích chi tiết về linh kiện  DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEGRAL [Integral Corp.]
Trang chủ  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZD1520AA bảng dữ liệu(HTML) 1 Page - Integral Corp.

  IZD1520AA Datasheet HTML 1Page - Integral Corp. IZD1520AA Datasheet HTML 2Page - Integral Corp. IZD1520AA Datasheet HTML 3Page - Integral Corp. IZD1520AA Datasheet HTML 4Page - Integral Corp. IZD1520AA Datasheet HTML 5Page - Integral Corp. IZD1520AA Datasheet HTML 6Page - Integral Corp. IZD1520AA Datasheet HTML 7Page - Integral Corp. IZD1520AA Datasheet HTML 8Page - Integral Corp. IZD1520AA Datasheet HTML 9Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
IZD1520U
1
DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER &
DRIVER
FEATURES
• CMOS LSI chips
• Connection with CPU
Can be directly coupled with 80-port or 68-port system
• Available in chip form or in 100-pin plastic QFP
• Pin-to-Pin Replacement for SED1520 Series
• Many command set
• Total 80 (segment+common) drive sets
• Low power consumption - 30µW maximum at 2kHz
external clock
• Power supply VDD - VSS : 2.4 to -7.0V
VDD - V5 : 3.5 to -13.0V
DESCRIPTION
The IZD1520 family of dot matrix LCD (Liquid Crystal Display) drivers are designed for the
display of characters and graphics.
The drivers generate LCD drive signals derived from bit mapped data stored in an internal
RAM.
The IZD1520 family drivers incorporate innovative circuit design strategies to achieve very
low power dissipation at a wide range of operating voltages.
These features give the designer a flexible means of implementing small to medium size
LCD displays for compact, low power systems.
The IZD1520 which is able to drive two lines of twelve characters each.
The IZD1521 which is able to drive 80 segments for extention.
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Value
Unit
Supply Voltage (1)
VSS
- 8.0 ~ 0.3
V
Supply Voltage (2)
V5
- 16.5 ~ 0.3
V
Supply Voltage (3)
V1, V2, V3, V4
V5 ~ 0.3
V
Input Voltage
VI
VSS - 0.3 ~ 0.3
V
Output Voltage
VO
VSS - 0.3 ~ 0.3
V
Power Dissipation
PD
250
mW
Operating Temperature
Ta
- 10 ~ + 75
oC
Storage Temperature
Tstg
- 65 ~ + 150
oC
Soldering temperature time (10 sec
max)
Tsol
260
oC
Notes:
1.
All voltages are specified relative to VDD = 0V.
2.
The following relation must be always hold
VDD ≥ V1 ≥ V2 ≥ V3 ≥ V4 ≥V5.
3.
Exceeding the absolute maximum ratings may cause permanent damage to
the device. Functional operating under these
conditions is not implied.


Số phần tương tự - IZD1520AA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integral Corp.
IZD1520AA INTEGRAL-IZD1520AA Datasheet
153Kb / 13P
   CMOS DOT MATRIX LCD DRIVER
More results

Mô tả tương tự - IZD1520AA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hitachi Semiconductor
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
logo
Integral Corp.
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD44780U HITACHI-HD44780U Datasheet
316Kb / 59P
   Dot Matrix Liquid Crystal Display Controller/Driver
logo
Integral Corp.
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
HD66717 HITACHI-HD66717 Datasheet
716Kb / 90P
   (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
HD44102 HITACHI-HD44102 Datasheet
911Kb / 22P
   Dot Matrix Liquid Crystal Graphic Display Column Driver)
logo
List of Unclassifed Man...
AX6108 ETC2-AX6108 Datasheet
243Kb / 31P
   Dot Matrix Liquid Crystal Graphic Display Column Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com