công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2SD1274B bảng dữ liệu(PDF) 1 Page - Panasonic Semiconductor

tên linh kiện 2SD1274B
Giải thích chi tiết về linh kiện  Silicon NPN triple diffusion planar type(For power amplification)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1274B bảng dữ liệu(HTML) 1 Page - Panasonic Semiconductor

  2SD1274B Datasheet HTML 1Page - Panasonic Semiconductor 2SD1274B Datasheet HTML 2Page - Panasonic Semiconductor 2SD1274B Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Power Transistors
2SD1274, 2SD1274A, 2SD1274B
Silicon NPN triple diffusion planar type
For power amplification
s Features
q
High collector to base voltage VCBO
q
High-speed switching
q
Full-pack package which can be installed to the heat sink with
one screw
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to
base voltage
Collector to
emitter voltage
Collector to emitter voltage
Emitter to base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCES
VCEO
VEBO
IC
PC
Tj
Tstg
Ratings
150
200
250
150
200
250
80
6
5
40
2
150
–55 to +150
Unit
V
V
V
V
A
W
˚C
˚C
2SD1274
2SD1274A
2SD1274B
2SD1274
2SD1274A
2SD1274B
TC=25°C
Ta=25
°C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff
current
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Base to emitter voltage
Collector to emitter saturation voltage
Transition frequency
Fall time
Symbol
ICBO
VCEO(sus)
*
VEBO
hFE
VBE
VCE(sat)
fT
tf
Conditions
VCB = 150V, IE = 0
VCB = 200V, IE = 0
VCB = 250V, IE = 0
IC = 0.2A, L = 25mH
IE = 1mA, IC = 0
VCE = 4V, IC = 5A
VCE = 4V, IC = 5A
IC = 5A, IB = 1A
VCE = 10V, IC = 0.5A, f = 10MHz
IC = 5A, IB1 = 0.8A, VEB = –5V
min
80
6
14
typ
40
max
1
1
1
1.5
1.6
1
Unit
mA
V
V
V
V
MHz
µs
2SD1274
2SD1274A
2SD1274B
*V
CEO(sus) Test circuit
X
L 25mH
15V
1
Y
G
6V
120
60Hz
I
C(A)
0.2
0.1
80
V
CE(V)
Unit: mm
1:Base
2:Collector
3:Emitter
TO–220 Full Pack Package(a)
10.0
±0.2
5.5
±0.2
0.5
+0.2
–0.1
1.4
±0.1
1.3
±0.2
0.8
±0.1
2.54
±0.25
5.08
±0.5
2
13
2.7
±0.2
4.2
±0.2
φ3.1±0.1


Số phần tương tự - 2SD1274B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Savantic, Inc.
2SD1274B SAVANTIC-2SD1274B Datasheet
107Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1274B JMNIC-2SD1274B Datasheet
112Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1274B ISC-2SD1274B Datasheet
131Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1274B SAVANTIC-2SD1274B Datasheet
109Kb / 3P
   Silicon NPN Power Transistors
More results

Mô tả tương tự - 2SD1274B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
2SD1252 PANASONIC-2SD1252 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1985 PANASONIC-2SD1985 Datasheet
47Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1266 PANASONIC-2SD1266 Datasheet
47Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD2137 PANASONIC-2SD2137 Datasheet
54Kb / 3P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1250 PANASONIC-2SD1250 Datasheet
48Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1751 PANASONIC-2SD1751 Datasheet
48Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1480 PANASONIC-2SD1480 Datasheet
46Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD2374 PANASONIC-2SD2374 Datasheet
45Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1253 PANASONIC-2SD1253 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1263 PANASONIC-2SD1263 Datasheet
46Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com