công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM6451B bảng dữ liệu(PDF) 8 Page - Nippon Precision Circuits Inc

tên linh kiện SM6451B
Giải thích chi tiết về linh kiện  Audio Variable Volume IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NPC [Nippon Precision Circuits Inc]
Trang chủ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6451B bảng dữ liệu(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM6451B Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6451B Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6451B Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6451B Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6451B Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6451B Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6451B Datasheet HTML 10Page - Nippon Precision Circuits Inc SM6451B Datasheet HTML 11Page - Nippon Precision Circuits Inc SM6451B Datasheet HTML 12Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SM6451B
NIPPON PRECISION CIRCUITS INC.—8
D9, D8
Channel select bits. The selected channel(s) are shown in table 1.
D7 to D0
Attenuation register (ATT) set bits.
Table 1. Channel select
D9
D8
Selected channel
LOW
LOW
Both left and right channels
LOW
HIGH
Left channel
HIGH
LOW
Right channel
HIGH
HIGH
No change
Table 2. Attenuation setting1
1.
Outputs are muted after system reset.
Attenuation error is changed dependent on the supply voltage when attenuation level is under – 60dB. In the case of the supply voltage being
under 2.6V, mute level inverses up to the same level of – 80dB setting or more. (see Figure 6)
Attenuation
ATTH
D7
D6
D5
D4
D3
D2
D1
D0
0 dB
00
LOW
LOW
LOW
LOW
LOW
LOW
LOW
LOW
−1 dB
01
LOW
LOW
LOW
LOW
LOW
LOW
LOW
HIGH
−2 dB
02
LOW
LOW
LOW
LOW
LOW
LOW
HIGH
LOW
:
:::::::::
−15 dB
0F
LOW
LOW
LOW
LOW
HIGH
HIGH
HIGH
HIGH
−16 dB
10
LOW
LOW
LOW
HIGH
LOW
LOW
LOW
LOW
−17 dB
11
LOW
LOW
LOW
HIGH
LOW
LOW
LOW
HIGH
:
:::::::::
−63 dB
3F
LOW
LOW
HIGH
HIGH
HIGH
HIGH
HIGH
HIGH
−64 dB
40
LOW
HIGH
LOW
LOW
LOW
LOW
LOW
LOW
−65 dB
41
LOW
HIGH
LOW
LOW
LOW
LOW
LOW
HIGH
:
:::::::::
−79 dB
4F
LOW
HIGH
LOW
LOW
HIGH
HIGH
HIGH
HIGH
−80 dB
50
LOW
HIGH
LOW
HIGH
LOW
LOW
LOW
LOW
Mute
51
LOW
HIGH
LOW
HIGH
LOW
LOW
LOW
HIGH
Mute
52
LOW
HIGH
LOW
HIGH
LOW
LOW
HIGH
LOW
:
:::::::::
Mute
FE
HIGH
HIGH
HIGH
HIGH
HIGH
HIGH
HIGH
LOW
Mute
FF
HIGH
HIGH
HIGH
HIGH
HIGH
HIGH
HIGH
HIGH


Số phần tương tự - SM6451B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nippon Precision Circui...
SM6451BV NPC-SM6451BV Datasheet
155Kb / 12P
   Audio Variable Volume IC
More results

Mô tả tương tự - SM6451B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nippon Precision Circui...
SM6451AVNIPPON NPC-SM6451AVNIPPON Datasheet
149Kb / 12P
   Audio Variable Volume IC
SM6451BV NPC-SM6451BV Datasheet
155Kb / 12P
   Audio Variable Volume IC
SM6451A NPC-SM6451A Datasheet
183Kb / 13P
   Audio Variable Volume IC
SM6452AM NPC-SM6452AM Datasheet
130Kb / 16P
   Audio Variable Volume ICs
logo
Sanyo Semicon Device
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV3329PE SANYO-LV3329PE Datasheet
230Kb / 30P
   For Car Audio Systems Electronic Volume IC
logo
SHENZHEN FUMAN ELECTRON...
TC3303 FUMAN-TC3303 Datasheet
354Kb / 7P
   3W-D stereo audio amplifier IC with volume control
logo
ON Semiconductor
LV3319PM ONSEMI-LV3319PM Datasheet
281Kb / 26P
   Electronic Volume IC
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com