công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FAN7528 bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện FAN7528
Giải thích chi tiết về linh kiện  Dual Output Critical Conduction Mode PFC Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7528 bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  FAN7528 Datasheet HTML 1Page - Fairchild Semiconductor FAN7528 Datasheet HTML 2Page - Fairchild Semiconductor FAN7528 Datasheet HTML 3Page - Fairchild Semiconductor FAN7528 Datasheet HTML 4Page - Fairchild Semiconductor FAN7528 Datasheet HTML 5Page - Fairchild Semiconductor FAN7528 Datasheet HTML 6Page - Fairchild Semiconductor FAN7528 Datasheet HTML 7Page - Fairchild Semiconductor FAN7528 Datasheet HTML 8Page - Fairchild Semiconductor FAN7528 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
December 2005
FAN7528 Rev. 1.0.1
FAN7528
Dual Output Critical Conduction Mode PFC Controller
Features
Low Total Harmonic Distortion (THD)
Dual Output Voltage Control
Precise Adjustable Output Over Voltage Protection
Open-feedback Protection and Disable Function
Zero Current Detector
160us Internal Start-up Timer
MOSFET Over Current Protection
Under Voltage Lock Out with 3.5V Hysteresis
Low Start-up (40uA) and Operating Current (1.5mA)
Totem Pole Output with High State Clamp
±400mA Peak Gate Drive Current
8-pin DIP or 8-pin SOP
Applications
Adapter
Related Application Notes
AN6012 - Design of Power Factor Correction Circuit Using
FAN7528
Description
The FAN7528 is an active power factor correction (PFC) con-
troller for boost PFC applications which operates in the critical
conduction mode (CRM). It uses the voltage mode PWM that
compares an internal ramp signal with the error amplifier output
to generate MOSFET turn-off signal. Because the voltage mode
CRM PFC controller does not need the rectified AC line voltage
information, it can save the power loss of the input voltage sens-
ing network that is necessary for the current mode CRM PFC
controller.
The FAN7528 provides the dual output voltage control function
without the AC line voltage sensing for adapter applications. It
changes the PFC output voltage according to the AC line volt-
age.
It provides many protection functions such as over voltage pro-
tection, open-feedback protection, over current protection and
under voltage lock out protection. The FAN7528 can be dis-
abled if the INV pin voltage is lower than 0.45V and then the
operating current decreases to 65uA. Using a new variable on-
time control method, THD is lower than the conventional CRM
boost PFC ICs.
Ordering Information
Part Number
Operating Temp.
Range
Pb-Free
Package
Packing Method
Marking
Code
FAN7528N
-40
°C to +125°C
Yes
8-DIP
Rail
FAN7528
FAN7528M
-40
°C to +125°C
Yes
8-SOP
Rail
FAN7528
FAN7528MX
-40
°C to +125°C
Yes
8-SOP
Tape & Reel
FAN7528


Số phần tương tự - FAN7528

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FAN7528 FAIRCHILD-FAN7528 Datasheet
2Mb / 21P
   Dual-Output, Critical Conduction Mode PFC Controller
FAN7528 FAIRCHILD-FAN7528 Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
FAN7528M FAIRCHILD-FAN7528M Datasheet
2Mb / 21P
   Dual-Output, Critical Conduction Mode PFC Controller
FAN7528MX FAIRCHILD-FAN7528MX Datasheet
2Mb / 21P
   Dual-Output, Critical Conduction Mode PFC Controller
FAN7528N FAIRCHILD-FAN7528N Datasheet
2Mb / 21P
   Dual-Output, Critical Conduction Mode PFC Controller
More results

Mô tả tương tự - FAN7528

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FAN7528 FAIRCHILD-FAN7528_07 Datasheet
2Mb / 21P
   Dual-Output, Critical Conduction Mode PFC Controller
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
   Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com