công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCH435FN476MP bảng dữ liệu(PDF) 4 Page - Rohm

tên linh kiện MCH435FN476MP
Giải thích chi tiết về linh kiện  Multi-layer ceramic chip capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

MCH435FN476MP bảng dữ liệu(HTML) 4 Page - Rohm

  MCH435FN476MP Datasheet HTML 1Page - Rohm MCH435FN476MP Datasheet HTML 2Page - Rohm MCH435FN476MP Datasheet HTML 3Page - Rohm MCH435FN476MP Datasheet HTML 4Page - Rohm MCH435FN476MP Datasheet HTML 5Page - Rohm MCH435FN476MP Datasheet HTML 6Page - Rohm MCH435FN476MP Datasheet HTML 7Page - Rohm MCH435FN476MP Datasheet HTML 8Page - Rohm MCH435FN476MP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MCH43
Ceramic capacitors
4/10
Resistance
to solderin
heat
As per 4.14 of
JIS C 5101-1.
As per 4.10 of
JIS C 5101-10
The solder specified in JIS Z 3282. H63A
shall be used.
The specimens shall be immersed into the
solder at 260
+/−5°C for 5+/−0.5s so that
both end terminations are completely
under the solder.
Pre-heating at 150
+/−10°C for 1 to 2min
Initial measurements prior to test shall be
performed after the thermal
Pre-conditioning specified in Remarks (1).
Final measurements shall be made after the
specimens have been left at room
temperature as per Table3.
As per 4.13 of JIS C 5101-1.
As per 4.8 ofJIS C 5101-10
A 5N weight for
10
+/−1s shall be applied
to the soldered specimens as shown by the
arrow mark in the below sketch.
8
End termination
adherence
9
A N
C N
F N
Within
+/−2.5%
Within
+/−7.5%
Within
+/−20%
Appearance
Dielectric
loss
tangent
Within specified initial value.
Insulation
resistance
Within specified initial value.
Withstanding
voltage
No defects shall be allowed.
Without peeling or sign of
peeling shall be allowed
on the end terminations.
Change
rate from
initial value
Without mechanical damage.
Table3
24
+/−2 h
48
+/−4 h
Charac-
teristic
Time
AN
CN, FN
Applied pressure
Capacitor
Substrate
Items
Performance
Test Method
(As per JIS C 5101-1, JIS C 5101-10)
As per 4.24 of JIS C 5101-1.
As per 4.7 of JIS C 5101-10
Temperature coefficient shall be calculated
at 20
°C and 85°C.
As per 4.24 of JIS C 5101-1.
As per 4.7 of JIS C 5101-10
If required, measurements shall be made
at a given temperature.
As per 4.15.2 of JIS C 5101-1.
As per 4.11 of JIS C 5101-10
The solder specified in JIS Z 3282 H63A
shall be used. Ans the flux containing 25%
rosin and ethanol solution shall be used.
The specimens shall be immersed into the
solder at 235
+/−5°C for 2+/−0.5s
So that both end terminations are
completely under solder.
No.
Temperature
characteristic
More than 3/4 of each end
termination shall be covered with
new solder.
6
Solderability
7
A N
C N
F N
0
+/−30ppm / °C
(
−55°C to +125°C)
+30%, −80%
(
−25°C to +85°C)
+22%, −82%
(
−30°C to +85°C)
+/−10%
(
−25°C to +85°C)
+/−15%
(
−55°C to +85°C)
X5R
B


Số phần tương tự - MCH435FN476MP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
MCH4009 SANYO-MCH4009 Datasheet
72Kb / 13P
   UHF to X Band Low-Noise Amplifier and OSC Applications
MCH4009 SANYO-MCH4009 Datasheet
476Kb / 15P
   UHF to X Band Low-Noise Amplifier and OSC Applications
logo
ON Semiconductor
MCH4009 ONSEMI-MCH4009 Datasheet
372Kb / 15P
   RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
MCH4009 ONSEMI-MCH4009 Datasheet
372Kb / 15P
   RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
MCH4009-TL-H ONSEMI-MCH4009-TL-H Datasheet
372Kb / 15P
   RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
More results

Mô tả tương tự - MCH435FN476MP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
MCH185A221JK ROHM-MCH185A221JK Datasheet
132Kb / 10P
   Multi-layer ceramic chip capacitors
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH31 ROHM-MCH31 Datasheet
229Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
logo
SAMWHA ELECTRIC
CS0603C0G104B6R3NRA SAMWHA-CS0603C0G104B6R3NRA Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
logo
Central Technologies
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
   Multi-layer Chip Inductors - Ceramic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com