công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCH432FN476MP bảng dữ liệu(PDF) 3 Page - Rohm

tên linh kiện MCH432FN476MP
Giải thích chi tiết về linh kiện  Multi-layer ceramic chip capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

MCH432FN476MP bảng dữ liệu(HTML) 3 Page - Rohm

  MCH432FN476MP Datasheet HTML 1Page - Rohm MCH432FN476MP Datasheet HTML 2Page - Rohm MCH432FN476MP Datasheet HTML 3Page - Rohm MCH432FN476MP Datasheet HTML 4Page - Rohm MCH432FN476MP Datasheet HTML 5Page - Rohm MCH432FN476MP Datasheet HTML 6Page - Rohm MCH432FN476MP Datasheet HTML 7Page - Rohm MCH432FN476MP Datasheet HTML 8Page - Rohm MCH432FN476MP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MCH43
Ceramic capacitors
3/10
•Performance and test method
Items
Performance
Appearance and
dimensions
No marked defects shall be allowed
for appearance.
Dimensions shall be as specified the
clause 4.
Test Method
(As per JIS C 5101-1, JIS C 5101-10)
As per 4.4 of JIS C 5101-1.
As per 4.5 of JIS C 5101-10
Using a Magnifier.
As per 4.5 of JIS C 5101-1.
As per 4.6.3 of JIS C 5101-10
Measurements shall be made after
60
+/−5s period of the rated voltage
applied.
As per 4.6 of JIS C 5101-1.
As per 4.6.4 of JIS C 5101-10
Voltage shall be applied as per Table1.
As per 4.7 of JIS C 5101-1.
As per 4.6.1 of JIS C 5101-10
Measurements shall be made under the
conditions specified in Table 2.
No.
1
Withstanding voltage
No dielectrical breakdown or other
damage shall be allowed.
Capacitance shall be
within specified tolerance range.
2
Insulation resistance
3
Capacitance
4
Table 1
Charac-
teristic
Voltage
300% Rated voltage
250% Rated voltage
AN
CN
FN
Table 2
Voltage shall be applied for 1 to 5s with
50mA charging and discharging current.
Not less than 10000M
Ω or
500M
Ω µF, whichever is less.
(For products with rated voltage less
than 16V, it is not less than 10000M
or 100M
Ω µF, whichever is less.)
Charac-
teristic
AN
CN
FN
<
− 10µF
> 10
µF
1
+/−0.1KHz
1
+/−0.2Vrms.
120
+/−24Hz
0.5
+/−0.2Vrms.
1
+/−0.1kHz
0.5 to 5Vrms.
Frequency
Voltage
Dielectric loss tangent
As per 4.8 of
JIS C 5101-1.
As per 4.6.2 of
JIS C 5101-10
Measurements shall be made under the
conditions specified in Table 2.
5
A N
C N
F N
<
Rated voltage=16, 10V
tan
δ 7.5%
<
Rated voltage=6.3V
tan
δ 10.0%
Rated voltage=16V
tan
δ 10.0%
Rated voltage=10V
tan
δ 12.5%
tan
δ 0.1%
<
<
<


Số phần tương tự - MCH432FN476MP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
MCH4009 SANYO-MCH4009 Datasheet
72Kb / 13P
   UHF to X Band Low-Noise Amplifier and OSC Applications
MCH4009 SANYO-MCH4009 Datasheet
476Kb / 15P
   UHF to X Band Low-Noise Amplifier and OSC Applications
logo
ON Semiconductor
MCH4009 ONSEMI-MCH4009 Datasheet
372Kb / 15P
   RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
MCH4009 ONSEMI-MCH4009 Datasheet
372Kb / 15P
   RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
MCH4009-TL-H ONSEMI-MCH4009-TL-H Datasheet
372Kb / 15P
   RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
More results

Mô tả tương tự - MCH432FN476MP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
MCH185A221JK ROHM-MCH185A221JK Datasheet
132Kb / 10P
   Multi-layer ceramic chip capacitors
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH31 ROHM-MCH31 Datasheet
229Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
logo
SAMWHA ELECTRIC
CS0603C0G104B6R3NRA SAMWHA-CS0603C0G104B6R3NRA Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
logo
Central Technologies
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
   Multi-layer Chip Inductors - Ceramic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com