công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCH318FN106JK bảng dữ liệu(PDF) 1 Page - Rohm

tên linh kiện MCH318FN106JK
Giải thích chi tiết về linh kiện  Multi-layer ceramic chip capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

MCH318FN106JK bảng dữ liệu(HTML) 1 Page - Rohm

  MCH318FN106JK Datasheet HTML 1Page - Rohm MCH318FN106JK Datasheet HTML 2Page - Rohm MCH318FN106JK Datasheet HTML 3Page - Rohm MCH318FN106JK Datasheet HTML 4Page - Rohm MCH318FN106JK Datasheet HTML 5Page - Rohm MCH318FN106JK Datasheet HTML 6Page - Rohm MCH318FN106JK Datasheet HTML 7Page - Rohm MCH318FN106JK Datasheet HTML 8Page - Rohm MCH318FN106JK Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MCH31
Ceramic capacitors
1/10
Multi-layer ceramic chip capacitors
MCH31 (3216 (1206) size, chip capacitor)
Features
1) Miniature, high capacitance
2) Achieved high capacitance by thin and multi layer technology
3) Lead-free plating terminal
4) No polarity
Quick Reference
The design and specifications are subject to change without prior notice. Please check the most recent technical
specifications prior to placing orders or using the product. For more detail information regarding packaging style code,
please check product designation.
Thermal compensation
Part No.
Size code
Temperature characteristics
(ppm/
°C)
Operating temp. range
(
°C)
Rated voltage
(V)
Capacitance (pF)
Capacitance
tolerance
Thickness
(mm)
code
0
±30
(CG) (C0G)
−55 to +125
50
4,700 to 6,800 (E12 Series)
8,200 to 10,000 (E12 Series)
15,000 to 22,000 (E12 Series)
33,000 (E12 Series)
J(
±5%)
0.6
± 0.15
0.85
± 0.15
1.15
± 0.15
1.6
± 0.2
A (AN)
3216
(1206)
MCH31
High dielectric constant
Part No.
Size code
Temperature characteristics
(ppm/
°C)
Operating temp. range
(
°C)
Rated voltage
(V)
Capacitance (pF)
Capacitance
tolerance
Thickness
(mm)
code
−25 to +85
−55 to +125
−55 to +85
−25 to +85
−30 to +85
50
50
25
10
16
6.3
50
50
25
25
10
10
16
16
6.3
6.3
25
0.6
± 0.15
0.85
± 0.15
1.15
± 0.15
0.85
± 0.15
0.85
± 0.15
0.85
± 0.15
0.85
± 0.15
0.85
± 0.15
1.6 +0.3
−0.1
1.6 +0.3
−0.1
1.6 +0.3
−0.1
1.6 +0.3
−0.1
1.6 +0.3
−0.1
1.15
± 0.15
1.15
± 0.15
1.15
± 0.15
0.6
± 0.15
CN
FN
3216
(1206)
MCH31
6,800,000 to 10,000,000 (E6 Series)
1,500,000 to 4,700,000 (E6 Series)
150,000 to 330,000 (E6 Series)
150,000 to 330,000 (E6 Series)
220 to 68,000 (E6 Series)
220 to 68,000 (E6 Series)
1,000,000 (E6 Series)
680,000 (E6 Series)
680,000 (E6 Series)
470,000 (E6 Series)
470,000 (E6 Series)
100,000 (E6 Series)
100,000 (E6 Series)
4,700,000 (E3 Series)
2,200,000 (E3 Series)
1,000,000 (E3 Series)
22,000,000 (E3 Series)
47,000,000 (E3 Series)
10,000,000 (E3 Series)
4,700,000 (E3 Series)
2,200,000 (E3 Series)
1,000,000 (E3 Series)
22,000,000 (E3 Series)
22,000,000 (E3 Series)
47,000,000 (E3 Series)
10,000,000 (E3 Series)
K(
±10%)
Z
(
+80% , −20%)
±10%
(B)
±15%
(R) (X7R)
±15%
(X5R)
+30% , −80%
(F)
+22% , −82%
(Y5V)


Số phần tương tự - MCH318FN106JK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
MCH3105 SANYO-MCH3105 Datasheet
36Kb / 5P
   High-Current Switching Applications
logo
ON Semiconductor
MCH3105 ONSEMI-MCH3105 Datasheet
409Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
MCH3105-TL-E ONSEMI-MCH3105-TL-E Datasheet
409Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
logo
Sanyo Semicon Device
MCH3106 SANYO-MCH3106 Datasheet
29Kb / 4P
   DC / DC Converter Applications
MCH3106 SANYO-MCH3106 Datasheet
37Kb / 4P
   DC / DC Converter Applications
More results

Mô tả tương tự - MCH318FN106JK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
MCH185A221JK ROHM-MCH185A221JK Datasheet
132Kb / 10P
   Multi-layer ceramic chip capacitors
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
logo
SAMWHA ELECTRIC
CS0603C0G104B6R3NRA SAMWHA-CS0603C0G104B6R3NRA Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
logo
Central Technologies
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
   Multi-layer Chip Inductors - Ceramic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com