công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCH312FN106JK bảng dữ liệu(PDF) 7 Page - Rohm

tên linh kiện MCH312FN106JK
Giải thích chi tiết về linh kiện  Multi-layer ceramic chip capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

MCH312FN106JK bảng dữ liệu(HTML) 7 Page - Rohm

Back Button MCH312FN106JK Datasheet HTML 3Page - Rohm MCH312FN106JK Datasheet HTML 4Page - Rohm MCH312FN106JK Datasheet HTML 5Page - Rohm MCH312FN106JK Datasheet HTML 6Page - Rohm MCH312FN106JK Datasheet HTML 7Page - Rohm MCH312FN106JK Datasheet HTML 8Page - Rohm MCH312FN106JK Datasheet HTML 9Page - Rohm MCH312FN106JK Datasheet HTML 10Page - Rohm MCH312FN106JK Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MCH31
Ceramic capacitors
7/10
Items
Performance
Heat life
test
Test Method
(As per JIS C 5101-1, JIS C 5101-10)
No.
15
A, A N
A, A N
F N
F N
Within
+/−30%
Appearance
Dielectric
loss
tangent
Insulation
resistance
Change
rate from
initial value
Without mechanical damage.
C N
Rated voltage
25V,16V,10V
Rated voltage
6.3V
C N
Not less than 1000M
Ω or
50M
Ω µF, whichever is less.
(For products with rated voltage less
than 16V, it is not less than 1000m
or 10M
Ω µF, whichever is less.)
As per 4.23 of JIS C 5101-1.
As per 4.15 of JIS C 5101-10
Test
temperature(
°C)
Voltage
Test
time (h)
A, AN
125
125
(B X5R)
200%
Rated
voltage
200%
Rated
voltage
200%
Rated
voltage
200%
Rated
voltage
1000
+48/−0
1000
+48/−0
1000
+48/−0
1000
+48/−0
85
CN
FN
Initial measurements prior to test shall be
made after the voltage pre-conditioning
specified in Remarks (2).
Final measurements shall be made after
the specimens have been left at room
temperature
[Remarks]
Pre-conditioning
If specified in test method of as per 3(Performance and test merhod), capacitors of CN, FN
characteristics shall be pre-conditionded as follows.
(1) Thermal pre-conditioning
Prior to initial measurements, specimens shall be conditioned at a temperature of 150 0
/−10
°C
for a period of 1hr., and shall be allowed to stabilize at room temperature for 48
+/−4h
(2) Voltage pre-conditioning
Prior to initial measurements, voltage specified as a test condition shall be applied to specimens
for a period of 1hr., and the specimens shall be allowed to stabilize at room temperature for 48
+/−4h
Soldering
Glass epoxy
substrate
< T e s t j i g >
Within
+/−15%
Within
+/−25%
Within
+/−3.0%
tan
δ 0.5%
<−
Less than 200% of
initial spec.
Less than 150% of
initial spec.
Table3
24
+/−2 h
48
+/−4 h
Charac-
teristic
Time
A, AN
CN, FN
85
(B X5R)


Số phần tương tự - MCH312FN106JK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
MCH3105 SANYO-MCH3105 Datasheet
36Kb / 5P
   High-Current Switching Applications
logo
ON Semiconductor
MCH3105 ONSEMI-MCH3105 Datasheet
409Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
MCH3105-TL-E ONSEMI-MCH3105-TL-E Datasheet
409Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
logo
Sanyo Semicon Device
MCH3106 SANYO-MCH3106 Datasheet
29Kb / 4P
   DC / DC Converter Applications
MCH3106 SANYO-MCH3106 Datasheet
37Kb / 4P
   DC / DC Converter Applications
More results

Mô tả tương tự - MCH312FN106JK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
MCH185A221JK ROHM-MCH185A221JK Datasheet
132Kb / 10P
   Multi-layer ceramic chip capacitors
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
logo
SAMWHA ELECTRIC
CS0603C0G104B6R3NRA SAMWHA-CS0603C0G104B6R3NRA Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
logo
Central Technologies
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
   Multi-layer Chip Inductors - Ceramic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com