công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM06B-SRSS-XX bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện SM06B-SRSS-XX
Giải thích chi tiết về linh kiện  Disconnectable Insulation displacement connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

SM06B-SRSS-XX bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  SM06B-SRSS-XX Datasheet HTML 1Page - List of Unclassifed Manufacturers SM06B-SRSS-XX Datasheet HTML 2Page - List of Unclassifed Manufacturers SM06B-SRSS-XX Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
223
Features ––––––––––––––––––––––––
• Ultra-compact insulation displacement
connector
1.0mm (.039") pitch and only 3.0mm (.118") high (side entry
type). This connector is only about 61% as large as the
smallest conventional (JST) IDC designs.
• Header designed for vacuum pick and place
robotics
Although this shrouded header has locking features for its
mating receptacle, there are no holes in the header shroud
that would adversely effect vacuum grippig equipment. Since
there is enough flat surface for secure vacuum gripping, this
miniature surface mount connector is versatile for designers
and economic for manufacturing.
• Twin U-slot insulation displacement section
The insulation displacement section connected to each wire
consists of two tin-plated slots (twin U-slots), which ensures
reliable connection.
• 3-point grip construction
The 3-point insulation grip feature and the strain relief ensure a
firm grip on terminated wires and protection of the insulation
displacement connection from possible damage.
Specifications –––––––––––––––––––
• Current rating:
0.7A DC
• Voltage rating:
50V DC
• Temperature range: -25˚C to +85˚C(including temperature rise
in applying electrical current)
• Contact resistance: Initial value/20m
Ω max.
After environmental testing/40m
Ω max.
• Insulation resistance:
100M
Ω min.
• Withstanding voltage:
500V AC/minute
• Applicable wire: AWG #30
Conductor/7 strands,
tin-coated annealed copper
Insulation O.D./0.56mm (.022")
* Contact JST for details.
Standards ––––––––––––––––––––––
0RecognizedE60389
1CertifiedLR20812
SR CONNECTOR
Disconnectable Insulation displacement connectors
1.0mm
(.039") pitch
IDC
Emboss Tape


Số phần tương tự - SM06B-SRSS-XX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Lightel Technologies IN...
SM06B-SRSS-TB LIGHTEL-SM06B-SRSS-TB Datasheet
151Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
SM06B-SRSS-TB ETC2-SM06B-SRSS-TB Datasheet
161Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
More results

Mô tả tương tự - SM06B-SRSS-XX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SSR ETC2-SSR Datasheet
89Kb / 3P
   Disconnectable Insulation displacement connectors
SM02B-SURS-TF ETC2-SM02B-SURS-TF Datasheet
84Kb / 2P
   0.8mm pitch/Disconnectable Insulation displacement connectors
06HR-6S-P-N ETC2-06HR-6S-P-N Datasheet
166Kb / 2P
   2.5mm pitch/Disconnectable Insulation displacement connectors
logo
JST Mfg. Co., Ltd.
KRW JST-KRW Datasheet
179Kb / 8P
   2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com