công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5L100PW bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện TS5L100PW
Giải thích chi tiết về linh kiện  QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TS5L100PW bảng dữ liệu(HTML) 5 Page - Texas Instruments

  TS5L100PW Datasheet HTML 1Page - Texas Instruments TS5L100PW Datasheet HTML 2Page - Texas Instruments TS5L100PW Datasheet HTML 3Page - Texas Instruments TS5L100PW Datasheet HTML 4Page - Texas Instruments TS5L100PW Datasheet HTML 5Page - Texas Instruments TS5L100PW Datasheet HTML 6Page - Texas Instruments TS5L100PW Datasheet HTML 7Page - Texas Instruments TS5L100PW Datasheet HTML 8Page - Texas Instruments TS5L100PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TS5L100
QUAD SPDT WIDEBANDWIDTH LAN SWITCH
WITH LOW ONSTATE RESISTANCE
SCDS163A − MAY 2004 − REVISED MAY 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 6 V to 6.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
E, S
VCC = 6 V,
IIN = −18 mA
−1.8
V
Vhys
E, S
150
mV
VO
VI = 4.5 V,
E = low,
RL = 100 Ω, see Figure 11
3.7
4.06
V
IIH
E, S
VCC = 6.5 V,
VIN = VCC
±1
µA
IIL
E, S
VCC = 6.5 V,
VIN = GND
±1
µA
IOZ‡
VCC = 6.5 V,
VO = 0 to 6.5 V,
VI = 0,
Switch OFF
±1
µA
IOS§
VCC = 6.5 V,
VO = 0 to 0.5 VCC,
VI = 0,
Switch ON
50
mA
Ioff
VCC = 0,
VO = 0 to 6.5 V,
VI = 0
1
µA
ICC
VCC = 6.5 V,
II/O = 0,
Switch ON or OFF
3
µA
∆ICC
E, S
VCC = 6.5 V,
One input at 3.4 V,
Other inputs at VCC or GND
6
mA
ICCD
VCC = 6.5 V,
I and Y ports open,
VIN input switching 50% duty cycle
0.35
mA/
MHz
CIN
E, S
f = 1 MHz
3.5
pF
COFF
I port
VI = 0,
f = 1 MHz,
Switch OFF
4.5
pF
COFF
Y port
VI = 0,
f = 1 MHz,
Outputs open,
Switch OFF
6.5
pF
CON
VI = 0,
f = 1 MHz,
Outputs open,
Switch ON
14
pF
ron
M1
VI = 4.5 V,
Switch ON,
RL = 100 Ω, see Figure 11
7.5
11.2
19
ron
M2
VI = 4.5 V,
Switch ON,
RL = 100 Ω, see Figure 11
2
3
6
∆ron
VI = 4.5 V,
Switch ON
1
2
VI, VO, II, and IO refer to I/O pins. VIN refers to the control inputs.
† All typical values are at VCC = 6.2 V (unless otherwise noted), TA = 25°C.
‡ For I/O ports, IOZ includes the input leakage current.
§ The IOS test is applicable to only one ON channel at a time. The duration of this test is less than one second.
switching characteristics over recommended operating free-air temperature range,
VCC = 6 V to 6.5 V, RL = 100 Ω, CL = 35 pF (unless otherwise noted) (see Figure 7)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
UNIT
tON
S
Y
7
ns
tOFF
S
Y
4
ns
† All typical values are at VCC = 6.2 V (unless otherwise noted), TA = 25°C.
dynamic
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 6 V to 6.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
XTALK(Diff)
RL = 100 Ω,
f = 10 MHz, see Figure 12,
tr = tf = 2 ns
−40
−60
dB
XTALK
RL = 100 Ω,
f = 30 MHz, see Figure 9
−50
dB
OIRR
RL = 100 Ω,
f = 30 MHz, see Figure 10
−40
dB
BW
RL = 100 Ω, see Figure 8
350
MHz
† All typical values are at VCC = 6.2 V (unless otherwise noted), TA = 25°C.


Số phần tương tự - TS5L100PW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5L100PW TI-TS5L100PW Datasheet
928Kb / 28P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS5L100PWE4 TI-TS5L100PWE4 Datasheet
928Kb / 28P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS5L100PWG4 TI-TS5L100PWG4 Datasheet
928Kb / 28P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS5L100PWR TI-TS5L100PWR Datasheet
928Kb / 28P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS5L100PWRE4 TI-TS5L100PWRE4 Datasheet
928Kb / 28P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
More results

Mô tả tương tự - TS5L100PW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5L100 TI-TS5L100_10 Datasheet
928Kb / 28P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS3L100 TI-TS3L100_10 Datasheet
785Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS3L100 TI-TS3L100 Datasheet
476Kb / 21P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330 TI-TS3V330_09 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
logo
Tiger Electronic Co.,Lt...
PI5V330 TGS-PI5V330 Datasheet
466Kb / 9P
   Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
logo
Texas Instruments
TS3V330 TI-TS3V330_10 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330C TI1-TS5V330C Datasheet
847Kb / 22P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330_09 Datasheet
907Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330 TI-TS3V330 Datasheet
382Kb / 18P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
TS5V330 TI-TS5V330 Datasheet
360Kb / 17P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com