công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2SC3972A bảng dữ liệu(PDF) 1 Page - Panasonic Semiconductor

tên linh kiện 2SC3972A
Giải thích chi tiết về linh kiện  Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3972A bảng dữ liệu(HTML) 1 Page - Panasonic Semiconductor

  2SC3972A Datasheet HTML 1Page - Panasonic Semiconductor 2SC3972A Datasheet HTML 2Page - Panasonic Semiconductor 2SC3972A Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Power Transistors
2SC3972, 2SC3972A
Silicon NPN triple diffusion planar type
For high breakdown voltage high-speed switching
s Features
q
High-speed switching
q
High collector to base voltage VCBO
q
Wide area of safe operation (ASO)
q
Satisfactory linearity of foward current transfer ratio hFE
q
Full-pack package which can be installed to the heat sink with
one screw
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to
base voltage
Collector to
emitter voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Base current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCES
VCEO
VEBO
ICP
IC
IB
PC
Tj
Tstg
Ratings
800
900
800
900
500
8
10
5
3
40
2
150
–55 to +150
Unit
V
V
V
V
A
A
A
W
˚C
˚C
2SC3972
2SC3972A
2SC3972
2SC3972A
TC=25°C
Ta=25
°C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff
current
Emitter cutoff current
Collector to emitter voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Symbol
ICBO
IEBO
VCEO
hFE1
hFE2
VCE(sat)
VBE(sat)
fT
ton
tstg
tf
Conditions
VCB = 800V, IE = 0
VCB = 900V, IE = 0
VEB = 5V, IC = 0
IC = 10mA, IB = 0
VCE = 5V, IC = 0.1A
VCE = 5V, IC = 2A
IC = 2A, IB = 0.4A
IC = 2A, IB = 0.4A
VCE = 10V, IC = 0.5A, f = 1MHz
IC = 2A, IB1 = 0.4A, IB2 = – 0.8A,
VCC = 200V
min
500
15
8
typ
20
max
100
100
100
1.0
1.5
1.0
3.0
0.3
Unit
µA
µA
V
V
V
MHz
µs
µs
µs
2SC3972
2SC3972A
Unit: mm
1:Base
2:Collector
3:Emitter
TO–220 Full Pack Package(a)
10.0
±0.2
5.5
±0.2
0.5
+0.2
–0.1
1.4
±0.1
1.3
±0.2
0.8
±0.1
2.54
±0.25
5.08
±0.5
2
13
2.7
±0.2
4.2
±0.2
φ3.1±0.1


Số phần tương tự - 2SC3972A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Savantic, Inc.
2SC3972A SAVANTIC-2SC3972A Datasheet
135Kb / 4P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3972A JMNIC-2SC3972A Datasheet
187Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3972A ISC-2SC3972A Datasheet
158Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC3972A SAVANTIC-2SC3972A Datasheet
137Kb / 4P
   Silicon NPN Power Transistors
More results

Mô tả tương tự - 2SC3972A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
2SC5034 PANASONIC-2SC5034 Datasheet
59Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC5457 PANASONIC-2SC5457 Datasheet
37Kb / 2P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3795 PANASONIC-2SC3795 Datasheet
63Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3970 PANASONIC-2SC3970 Datasheet
60Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3973 PANASONIC-2SC3973 Datasheet
60Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3975 PANASONIC-2SC3975 Datasheet
59Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC4152 PANASONIC-2SC4152 Datasheet
59Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC4985 PANASONIC-2SC4985 Datasheet
40Kb / 2P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC5063 PANASONIC-2SC5063 Datasheet
62Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC5393 PANASONIC-2SC5393 Datasheet
34Kb / 2P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3743 PANASONIC-2SC3743 Datasheet
56Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com