công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1T8A-3.5U bảng dữ liệu(PDF) 1 Page - GAPTEC Electronic GmbH & Co. KG

tên linh kiện 1T8A-3.5U
Giải thích chi tiết về linh kiện  1W- Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Trang chủ  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

1T8A-3.5U bảng dữ liệu(HTML) 1 Page - GAPTEC Electronic GmbH & Co. KG

  1T8A-3.5U Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 1T8A-3.5U Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 1T8A-3.5U Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 1T8A-3.5U Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 1 of 4
1T8A_3.5P – Rev. 2014-1.0
Specifications subject to change without notice.
1T8A_3.5P Series
1W- Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
Miniature SMD package
3500VDC isolation
Operating temperature range:
-50°C℃~ +125°C
Components meet AEC-Q100
standards
Internal SMD construction
The production process meet
TS16949 system requirements
Industry standard pinout
Short circuit protection (SCP)
DC-DC Converter
1 Watt
The 1T8A_3.5P Series is specially designed for applications where isolated output
is required from a distributed power system. It can be used in automobile motor
control and drive systems.
These products apply to:
1) Where the voltage of the input power supply is fixed (voltage variation ≤ ±10%)
2) Where isolation is necessary between input and output
(isolation voltage ≤3500VDC)
3) Where the regulation of the output voltage and the output ripple noise are not
demanding
Such as: motor vehicle communication system controller, engine control systems,
the ignition system, the motor voltage monitoring, the electronic accelerator pedal,
automobile tire pressure detection system, doors and tail lights controller, air con-
ditioning control and battery management system (BMS), etc.
Common specifications
Short circuit protection*:
Continuous, automatic recovery
Temperature rise at full load:
25°C MAX (Ta= 25°C, 100% load)
Cooling:
Free air convection
Operation temperature range:
-50°C~+125°C
Storage temperature range:
-55°C ~+135°C
Lead temperature
300°C MAX, 1.5mm from case for 10 sec
Storage humidity range:
< 95%
Package material:
Epoxy Resin [UL94-V0]
MTBF (MIL-HDBK-217F@25°C):
>3,500,000 hours
Weight:
1.5g
*Supply voltage must be discontinued at the end of short circuit duration.
Isolation specifications
Item
Test condition
Min
Typ
Max
Units
Isolation voltage
Tested for 1 minute,
leakage current less
than 1 mA
3500
VDC
Isolation resistance
Test at 500VDC
1000
Isolation
capacitance
Input/Output
100KHz/0.1V
20
pF
Input specifications
Item
Test condition
Min
Typ
Max
Units
Input surge voltage
(1 sec. max.)
5VDC input
-0.7
9
VDC
Input filter
Capacitor
Note:
1. Operation under minimum load will not damage the converter; However, they
may not meet all specifications.
2. Max. Capacitive Load is tested at nominal input voltage and full load.
3. Unless otherwise noted, All specifications are measured at Ta=25°C,
humidity<75%, nominal input voltage and rated output load.
4. In this datasheet, all test methods are based on our corporate standards.
5. All characteristics are for listed models, and non-standard models may perform
differently. Please contact our technical support for more detail.
6. Please contact our technical support for any specific requirement.
7. Specifications of this product are subject to changes without prior notice.
Model selection:
WCTP**_xxyyN##O
W= Watt; C= Case; T= Type; P= Pinning; **= Voltage Variation
(omitted ± 10%);
xx= Vin; yy= Vout; N= Numbers of Output;
##= Isolation (kVDC); O= output regulation
Example:
1T8A_0505S3.5UP
1= 1Watt; T8= SMT8; A=Pinning; 5Vin; 5Vout; S=Single output;
3.5= 3.5kVDC; U= Unregulated output; P= Short circuit protection
Output specifications
Item
Test condition
Min
Typ
Max
Units
Output power
0.1
1
W
Line regulation
For Vin change of 1%
±1.2
%
Load regulation
10% to 100% load
12
%
Output voltage
accuracy
See tolerance envelope graph
Temperature drift
100% full load
±0.03
%/°C
Ripple & Noise*
20MHz Bandwidth
60
mVp-p
Switching frequency
Full load, nominal input
100
300
KHz
*Test ripple and noise by “parallel cable” method. See detailed operation instruc-
tions at DC-DC application notes.
EMC specifications
EMI
CE
CISPR25/EN55025
CLASS 1
(External Circuit Refer to
EMC recommended circuit)
ESD
ESD
ISO10605
Contact ±6KV
perf. Criteria B


Số phần tương tự - 1T8A-3.5U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
GAPTEC Electronic GmbH ...
1T8A-3UP GAPTEC-1T8A-3UP Datasheet
1Mb / 5P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results

Mô tả tương tự - 1T8A-3.5U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
GAPTEC Electronic GmbH ...
1TM14 GAPTEC-1TM14 Datasheet
3Mb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated - Unregulated
logo
Microdc power Technolog...
F-XMS MICRODC-F-XMS Datasheet
524Kb / 2P
   1W, FIXED INPUT, ISOLATED&UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1MD8A GAPTEC-1MD8A Datasheet
753Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8CE GAPTEC-1T8CE Datasheet
871Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Microdc power Technolog...
F-XM MICRODC-F-XM Datasheet
452Kb / 2P
   1W, FIXED INPUT, ISOLATED&UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1T8A GAPTEC-1T8A Datasheet
1Mb / 5P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8CE-3UP GAPTEC-1T8CE-3UP Datasheet
872Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8E GAPTEC-1T8E Datasheet
1Mb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8A-3UP GAPTEC-1T8A-3UP Datasheet
1Mb / 5P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8B GAPTEC-1T8B Datasheet
179Kb / 2P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com