công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM2745MTCX bảng dữ liệu(PDF) 9 Page - National Semiconductor (TI) |
|
|
LM2745MTCX bảng dữ liệu(HTML) 9 Page - National Semiconductor (TI) |
9 / 23 page Application Information (Continued) is approximated by the curve FREQUENCY vs. FRE- QUENCY ADJUST RESISTOR in the Typical Performance Characteristics section. When it is desired to synchronize the switching frequency with an external clock source, the LM2745 has the unique ability to synchronize from this external source within the range of 250 kHz to 1 MHz. The external clock signal should be AC coupled to the FREQ/SYNC pin as shown below in Figure 1, where the R FADJ is chosen so that the fixed fre- quency is approximately within ±30% of the external syn- chronizing clock frequency. An internal protection diode clamps the low level of the synchronizing signal to approxi- mately -0.5V. The internal clock sychronizes to the rising edge of the external clock. It is recommended to choose an AC coupling capacitance in the range of 50 pF to 100 pF. Exceeding the recommended capacitance may inject excessive energy through the inter- nal clamping diode structure present on the FREQ/SYNC pin. The typical trip level of the synchronization pin is 1.5V. To ensure proper synchronization and to avoid damaging the IC, the peak-to-peak value (amplitude) should be between 2.5V and V CC. The minimum width of this pulse must be greater than 100 ns, and it’s maximum width must be 100ns less than the period of the switching cycle. The external clock synchronization process begins once the LM2745 is enabled and an external clock signal is detected. During the external clock synchronization process the inter- nal clock initially switches at approximately 1.5 MHz and decreases until it has matched the external clock’s fre- quency. The lock-in period is approximately 30 µs if the external clock is switching at 1 MHz, and about 100 µs if the external clock is at 200 kHz. When there is no clock signal present, the LM2745 enters into fixed-frequency mode and begins switching at the frequency set by the R FADJ resistor. If the external clock signal is removed after frequency syn- chronization, the LM2745 will enter fixed-frequency mode within two clock cycles. If the external clock is removed within the 30 µs lock-in period, the LM2745 will re-enter fixed-frequency mode within two internal clock cycles after the lock-in period. OUTPUT PRE-BIAS STARTUP If there is a pre-biased load on the output of the LM2745/8 during startup, the IC will disable switching of the low-side MOSFET and monitor the SW node voltage during the off- time of the high-side MOSFET. There is no load current sensing while in pre-bias mode because the low-side MOS- FET never turns on. The IC will remain in this pre-bias mode until it sees the SW node stays below 0V during the entire high-side MOSFET’s off-time. Once it is determined that the SW node remained below 0V during the high-side off-time, the low-side MOSFET begins switching during the next switching cycle. Figure 2 shows the SW node, HG, and LG signals during pre-bias startup. The pre-biased output volt- age should not exceed V CC +VGS of the external High-Side MOSFET to ensure that the High-Side MOSFET will be able to switch during startup. TRACKING A VOLTAGE LEVEL The LM2745/8 can track the output of a master power supply during soft-start by connecting a resistor divider to the SS/ TRACK pin. In this way, the output voltage slew rate of the LM2745/8 will be controlled by the master supply for loads that require precise sequencing. When the tracking function is used no soft-start capacitor should be connected to the SS/TRACK pin. However in all other cases, a C SS value of at least 1 nF between the soft-start pin and ground should be used. One way to use the tracking feature is to design the tracking resistor divider so that the master supply’s output voltage (V OUT1) and the LM2745/8’s output voltage (represented symbolically in Figure 3 as V OUT2, i.e. without explicitly showing the power components) both rise together and 20137489 FIGURE 1. AC Coupled Clock 20137491 FIGURE 2. Output Pre-Bias Mode Waveforms 20137407 FIGURE 3. Tracking Circuit www.national.com 9 |
Số phần tương tự - LM2745MTCX |
|
Mô tả tương tự - LM2745MTCX |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |