công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2SD1277 bảng dữ liệu(PDF) 1 Page - Panasonic Semiconductor

tên linh kiện 2SD1277
Giải thích chi tiết về linh kiện  Silicon PNP epitaxial planar type Darlington(For midium-speed switching)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1277 bảng dữ liệu(HTML) 1 Page - Panasonic Semiconductor

  2SD1277 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1277 Datasheet HTML 2Page - Panasonic Semiconductor 2SD1277 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Power Transistors
2SB951, 2SB951A
Silicon PNP epitaxial planar type Darlington
For midium-speed switching
Complementary to 2SD1277 and 2SD1277A
s Features
q
High foward current transfer ratio hFE
q
High-speed switching
q
Full-pack package which can be installed to the heat sink with
one screw
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
–60
–80
–60
–80
–7
–12
–8
45
2
150
–55 to +150
Unit
V
V
V
A
A
W
˚C
˚C
2SB951
2SB951A
2SB951
2SB951A
TC=25°C
Ta=25
°C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff
current
Emitter cutoff current
Collector to emitter
voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Symbol
ICBO
IEBO
VCEO
hFE1
*
hFE2
VCE(sat)
VBE(sat)
fT
ton
tstg
tf
Conditions
VCB = –60V, IE = 0
VCB = –80V, IE = 0
VEB = –7V, IC = 0
IC = –30mA, IB = 0
VCE = –3V, IC = –4A
VCE = –3V, IC = –8A
IC = –4A, IB = –8mA
IC = –4A, IB = –8mA
VCE = –10V, IC = –1A, f = 1MHz
IC = –4A, IB1 = –8mA, IB2 = 8mA,
VCC = –50V
min
–60
–80
2000
500
typ
20
0.5
2
1
max
–100
–100
–2
10000
–1.5
–2
Unit
µA
mA
V
V
V
MHz
µs
µs
µs
2SB951
2SB951A
2SB951
2SB951A
*h
FE1 Rank classification
Rank
Q
P
hFE1
2000 to 5000 4000 to 10000
Unit: mm
Internal Connection
1:Base
2:Collector
3:Emitter
TO–220 Full Pack Package(a)
10.0
±0.2
5.5
±0.2
0.5
+0.2
–0.1
1.4
±0.1
1.3
±0.2
0.8
±0.1
2.54
±0.25
5.08
±0.5
2
13
2.7
±0.2
4.2
±0.2
φ3.1±0.1
B
C
E


Số phần tương tự - 2SD1277

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
2SD1277 PANASONIC-2SD1277 Datasheet
62Kb / 2P
   Silicon NPN triple diffusion planar type Darlington(For midium speed power switching)
logo
Wing Shing Computer Com...
2SD1277 WINGS-2SD1277 Datasheet
66Kb / 1P
   NPN SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Savantic, Inc.
2SD1277 SAVANTIC-2SD1277 Datasheet
112Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1277 JMNIC-2SD1277 Datasheet
130Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1277 ISC-2SD1277 Datasheet
139Kb / 3P
   Silicon NPN Power Transistors
More results

Mô tả tương tự - 2SD1277

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
2SD1773 PANASONIC-2SD1773 Datasheet
62Kb / 2P
   Silicon NPN triple diffusion planar type Darlington(For midium speed switching)
2SD1277 PANASONIC-2SD1277 Datasheet
62Kb / 2P
   Silicon NPN triple diffusion planar type Darlington(For midium speed power switching)
2SD1326 PANASONIC-2SD1326 Datasheet
51Kb / 2P
   Silicon NPN triple diffusion planar type Darlington For midium speed power switching
2SD1327 PANASONIC-2SD1327 Datasheet
50Kb / 2P
   Silicon NPN triple diffusion planar type Darlington For midium speed power switching
2SB1180 PANASONIC-2SB1180 Datasheet
102Kb / 4P
   Silicon PNP epitaxial planar type darlington
2SB939 PANASONIC-2SB939 Datasheet
73Kb / 3P
   Silicon PNP epitaxial planar type Darlington
2SB1502 PANASONIC-2SB1502 Datasheet
70Kb / 3P
   Silicon PNP epitaxial planar type Darlington
2SB949 PANASONIC-2SB949 Datasheet
63Kb / 2P
   Silicon PNP epitaxial planar type Darlington
2SB1504 PANASONIC-2SB1504 Datasheet
90Kb / 3P
   Silicon PNP epitaxial planar type darlington
2SB938 PANASONIC-2SB938 Datasheet
64Kb / 2P
   Silicon PNP epitaxial planar type Darlington(For power amplification and switching)
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com