công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM1061N29WX6F bảng dữ liệu(PDF) 6 Page - STMicroelectronics

tên linh kiện STM1061N29WX6F
Giải thích chi tiết về linh kiện  Low Power Voltage Detector
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1061N29WX6F bảng dữ liệu(HTML) 6 Page - STMicroelectronics

Back Button STM1061N29WX6F Datasheet HTML 2Page - STMicroelectronics STM1061N29WX6F Datasheet HTML 3Page - STMicroelectronics STM1061N29WX6F Datasheet HTML 4Page - STMicroelectronics STM1061N29WX6F Datasheet HTML 5Page - STMicroelectronics STM1061N29WX6F Datasheet HTML 6Page - STMicroelectronics STM1061N29WX6F Datasheet HTML 7Page - STMicroelectronics STM1061N29WX6F Datasheet HTML 8Page - STMicroelectronics STM1061N29WX6F Datasheet HTML 9Page - STMicroelectronics STM1061N29WX6F Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
STM1061
6/21
PIN DESCRIPTIONS
See Figure 2., page 4 and Table 1., page 4 for a
brief overview of the signals connected to this de-
vice.
OUT (Open Drain). This is the Open Drain Out-
put. It goes low when VCC drops below VTH–, and
remains low as long as VCC is below VTH– +
VHYST.
VCC. This is the Supply voltage and input for the
Voltage Detector.
VSS. Ground, VSS, is the reference for the power
supply. It must be connected to the system
ground.
Table 2. Pin Functions
OPERATION
Output
The STM1061 Voltage Detector monitors system
voltages from 1.6V to 5V in 100mV increments.
The detector is designed to ignore fast transients
on VCC and has a voltage hysteresis (VHYST). The
STM1061 asserts an output signal (OUT) whenev-
er VCC goes below the Voltage Detect Threshold
(VTH–). The output signal (OUT) stays asserted
until VCC goes above the Voltage Detect Release
(VTH+). Output voltage (VOUT) is guaranteed valid
down to VCC =0.7V at 25°C.
The STM1061has an open drain active-low output
which will sink current when output is asserted.
Connect a pull-up resistor from OUT to any supply
voltage up to 6V (see Figure 6., page 5). Select a
resistor value large enough to register a logic low,
and small enough to register a logic high while all
of the input current and leakage paths connected
to the reset output line are being supplied. A 10k
pull-up is sufficient in most applications.
The advantages of open drain output is the ability
to connect more open drain outputs in parallel
(wired OR connections) as well as connect the
output to a power supply voltage different from
VCC.
Negative-Going VCC Transients and
Undershoot
The STM1061 device is relatively immune to neg-
ative-going VCC transients (glitches). The graph
(see Figure 11., page 9) indicates the maximum
pulse width a negative VCC transient can have
without causing a reset pulse. As the magnitude of
the transient increases (further below the thresh-
old), the maximum allowable pulse width decreas-
es. Any combination of duration and overdrive
which lies under the curve will NOT generate a re-
set signal.
A 0.1µF bypass capacitor mounted as close as
possible to the VCC pin provides additional tran-
sient immunity.
Pin
Name
Function
SOT23-3
SOT323-3 (SC70-3)
12
OUT
Active-Low Open Drain Output
33
VCC
Supply Voltage
21
VSS
Ground


Số phần tương tự - STM1061N29WX6F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM1061NXXW6F STMICROELECTRONICS-STM1061NXXW6F Datasheet
193Kb / 23P
   Low Power Voltage Detector
STM1061NXXWX6F STMICROELECTRONICS-STM1061NXXWX6F Datasheet
193Kb / 23P
   Low Power Voltage Detector
More results

Mô tả tương tự - STM1061N29WX6F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
   Low Power Voltage Detector
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
   Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
   Low Power Voltage Detector
logo
STMicroelectronics
STM1061 STMICROELECTRONICS-STM1061_06 Datasheet
193Kb / 23P
   Low Power Voltage Detector
logo
Asahi Kasei Microsystem...
AP4400A AKM-AP4400A Datasheet
490Kb / 12P
   Ultra Low Power Voltage Detector
logo
Silicon Standard Corp.
SS6680 SSC-SS6680 Datasheet
570Kb / 10P
   Ultra Low Power Voltage Detector
logo
Catalyst Semiconductor
CAT808 CATALYST-CAT808 Datasheet
193Kb / 8P
   Low-Power Precision Voltage Detector
logo
Asahi Kasei Microsystem...
AP4400AEC AKM-AP4400AEC Datasheet
363Kb / 11P
   Ultra Low Power Voltage Detector
logo
HuaXinAn Electronics CO...
AP4400A HUAXINAN-AP4400A Datasheet
493Kb / 12P
   Ultra Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com