công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

54ACT899 bảng dữ liệu(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện 54ACT899
Giải thích chi tiết về linh kiện  9-Bit Latchable Transceiver with Parity Generator/Checker
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACT899 bảng dữ liệu(HTML) 8 Page - National Semiconductor (TI)

Back Button 54ACT899 Datasheet HTML 4Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 5Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 6Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 7Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 8Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 9Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 10Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 11Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
b
05V to a70V
DC Input Diode Current (IIK)
VI eb05V
b
20 mA
VI e VCC a 05V
a
20 mA
DC Input Voltage (VI)
b
05V to VCC a 05V
DC Output Diode Current (IOK)
VO eb05V
b
20 mA
VO e VCC a 05V
a
20 mA
DC Output Voltage (VO)
b
05V to VCC a 05V
DC Output Source
or Sink Current (IO)
g
50 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
g
50 mA
Storage Temperature (TSTG)
b
65 Cto a150 C
DC Latch-Up Source or
Sink Current
g
300 mA
Junction Temperature (TJ)
CDIP
175 C
PDIP
140 C
Note 1
Absolute maximum ratings are those values beyond which damage
to the device may occur The databook specifications should be met without
exception to ensure that the system design is reliable over its power supply
temperature and outputinput loading variables National does not recom-
mend operation of FACTTM circuits outside databook specifications
Recommended Operating
Conditions
Supply Voltage (VCC)
’AC
20V to 60V
’ACT
45V to 55V
Input Voltage (VI)
0VtoVCC
Output Voltage (VO)
0VtoVCC
Operating Temperature (TA)
74ACACT
b
40 Cto a85 C
54ACT
b
55 Cto a125 C
Minimum Input Edge Rate DV Dt
’AC Devices
VIN from 30% to 70% of VCC
VCC
30V 45V 55V
125 mVns
Minimum Input Edge Rate DV Dt
’ACT Devices
VIN from 08V to 20V
VCC
45V 55V
125 mVns
Note
PLCC packaging is not recommended for applications requiring great-
er than 2000 temperature cycles from b40 Cto a125 C
DC Electrical Characteristics for ’AC Family Devices
74AC
74AC
Symbol
Parameter
VCC
TA ea25 C
TA e
Units
Conditions
(V)
b
40 Cto a85 C
Typ
Guaranteed Limits
VIH
Minimum High Level
30
15
21
21
VOUT e 01V
Input Voltage
45
225
315
315
V
or VCC b 01V
55
275
385
385
VIL
Maximum Low Level
30
15
09
09
VOUT e 01V
Input Voltage
45
225
135
135
V
or VCC b 01V
55
275
165
165
VOH
Minimum High Level
30
299
29
29
IOUT eb50 mA
Output Voltage
45
449
44
44
V
55
549
54
54
VIN e VIL or VIH
30
256
246
V
b
12 mA
45
386
376
IOH
b
24 mA
55
486
476
b
24 mA
VOL
Maximum Low Level
30
0002
01
01
IOUT e 50 mA
Output Voltage
45
0001
01
01
V
55
0001
01
01
VIN e VIL or VIH
30
036
044
12 mA
45
036
044
V
IOL
24 mA
55
036
044
24 mA
IIN
Maximum Input
55
g
01
g
10
m
A
VI e VCC GND
Leakage Current
(Note)
Maximum of 9 outputs loaded thresholds on input associated with output under test
8


Số phần tương tự - 54ACT899

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
54ACT899 NSC-54ACT899 Datasheet
311Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
More results

Mô tả tương tự - 54ACT899

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
National Semiconductor ...
54ACT899 NSC-54ACT899 Datasheet
311Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Texas Instruments
SN74BCT899 TI1-SN74BCT899 Datasheet
120Kb / 8P
[Old version datasheet]   9-BIT LATCHABLE TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74ACT899 FAIRCHILD-74ACT899 Datasheet
78Kb / 9P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
   9-bit Latchable Transceiver with Parity Generator/Checker
logo
Fairchild Semiconductor
74F899 FAIRCHILD-74F899 Datasheet
89Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER
logo
National Semiconductor ...
54F280DM NSC-54F280DM Datasheet
152Kb / 8P
   9-Bit Parity Generator/Checker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com