công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2SD968A bảng dữ liệu(PDF) 1 Page - Panasonic Semiconductor

tên linh kiện 2SD968A
Giải thích chi tiết về linh kiện  Silicon PNP epitaxial planer type(For low-frequency driver amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD968A bảng dữ liệu(HTML) 1 Page - Panasonic Semiconductor

  2SD968A Datasheet HTML 1Page - Panasonic Semiconductor 2SD968A Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SB789, 2SB789A
Silicon PNP epitaxial planer type
For low-frequency driver amplification
Complementary to 2SD968 and 2SD968A
s Features
q
High collector to emitter voltage VCEO.
q
Large collector power dissipation PC.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
2:Collector
EIAJ:SC–62
3:Emitter
Mini Power Type Package
4.5
±0.1
3.0
±0.15
1.5
±0.1
0.4
±0.08
0.5
±0.08
1.5
±0.1
0.4
±0.04
1.6
±0.2
45
°
marking
321
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
*
Tj
Tstg
Ratings
–100
–120
–100
–120
–5
–1
–0.5
1
150
–55 ~ +150
Unit
V
V
V
A
A
W
˚C
˚C
2SB789
2SB789A
2SB789
2SB789A
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector to emitter
voltage
Collector to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
VCEO
VEBO
hFE1
*
hFE2
VCE(sat)
VBE(sat)
fT
Cob
Conditions
IC = –100µA, IB = 0
IE = –10µA, IC = 0
VCE = –10V, IC = –150mA
VCE = –5V, IC = –500mA
IC = –500mA, IB = –50mA
IC = –500mA, IB = –50mA
VCB = –10V, IE = 50mA, f = 200MHz
VCB = –10V, IE = 0, f = 1MHz
min
–100
–120
–5
90
50
typ
– 0.2
– 0.85
120
max
220
– 0.6
–1.2
30
Unit
V
V
V
V
MHz
pF
Marking symbol :
D(2SB789)
E(2SB789A)
* Printed circuit board: Copper foil area of 1cm2 or more, and the board
thickness of 1.7mm for the collector portion
2SB789
2SB789A
*h
FE1 Rank classification
Rank
Q
R
hFE1
90 ~ 155
130 ~ 220
2SB789
DQ
DR
2SB789A
EQ
ER
Marking
Symbol


Số phần tương tự - 2SD968A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
2SD968A PANASONIC-2SD968A Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency driver amplification)
2SD968A PANASONIC-2SD968A Datasheet
72Kb / 3P
   For Low-Frequency Driver Amplification
logo
Guangdong Kexin Industr...
2SD968A KEXIN-2SD968A Datasheet
52Kb / 2P
   Silicon NPN epitaxial planer type
More results

Mô tả tương tự - 2SD968A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
2SA720A PANASONIC-2SA720A Datasheet
38Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency driver amplification)
2SA777 PANASONIC-2SA777 Datasheet
46Kb / 3P
   Silicon PNP epitaxial planer type(For low-frequency driver amplification)
2SB1050 PANASONIC-2SB1050 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1073 PANASONIC-2SB1073 Datasheet
35Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB774 PANASONIC-2SB774 Datasheet
35Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1030 PANASONIC-2SB1030 Datasheet
38Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1539 PANASONIC-2SB1539 Datasheet
36Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1592 PANASONIC-2SB1592 Datasheet
35Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1612 PANASONIC-2SB1612 Datasheet
35Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1679 PANASONIC-2SB1679 Datasheet
44Kb / 1P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com