công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TD352ID bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
TD352ID bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
4 / 13 page TD352 Electrical Characteristics 4/13 3 Electrical Characteristics Note:1.Recommended capacitor range on VREF pin is 10nF to 100nF Table 4. Tamb = -20 to 125°C, VH=16V (unless otherwise specified) Symbol Parameter Test Condition Min Typ Max Unit Input Vton IN turn-on threshold voltage 0.8 1.0 V Vtoff IN turn-off threshold voltage 4.0 4.2 V Iinp IN Input current IN input voltage < 4.5V 1 µA Voltage reference - Note 1 Vref Voltage reference T=25°C 4.85 5.00 5.15 V Iref Maximum output current 10 mA Clamp Vtclamp CLAMP pin voltage threshold 2.0 V VCL Clamp low voltage Icsink=500mA 2.5 V Delay Vtdel Voltage threshold 2.5 V Rdel Discharge resistor I=1mA 500 Ω Desaturation protection Vdes Desaturation threshold VH-2 ς Ides Source current 250 µA Outputs Isink Output sink current Vout=6V 1000 1700 mA Isrc Output source current Vout=VH-6V 750 1300 mA VOL1 Output low voltage 1 Iosink=20mA 0.35 V VOL2 Output low voltage 2 Iosink=500mA 2.5 V VOH1 Output high voltage 1 Iosource=20mA VH-2.5 V VOH2 Output high voltage 2 Iosource=500mA VH-4.0 V tr Rise time CL=1nF, 10% to 90% 100 ns tf Fall time CL=1nF, 90% to 10% 100 ns tdon Turn on propagation delay 10% output change: Rd=4.7k, no Cd Rd=11k, Cd=220pF 1.8 2.0 500 2.2 ns µs tdoff Turn off propagation delay 10% output change 400 ns Under Voltage Lockout (UVLO) UVLOH UVLO top threshold 10 11 12 V UVLOL UVLO bottom threshold 9 10 11 V Vhyst UVLO hysteresis Vhyst=UVLOH-UVLOL 0.5 1 V Supply current Iin Quiescent current input low, no load 2.5 mA |
Số phần tương tự - TD352ID |
|
Mô tả tương tự - TD352ID |